Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC44BS373CADR2 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
MC44BS373CA Data Sheet
Video Characteristics
Video Characteristics
Figure 3. Typical High-Frequency Performance
12 Video Characteristics
Each of the characteristics listed in Table 21 is classified as one of the following types:
A—100% tested
B—100% correlation tested
C—Characterized on samples
D—Design parameter
See Section 14, “Characterization Measurement Conditions,” for each C-type parameter.
Unless otherwise stated, VCC = 5.0V, ambient temperature = 25°C, and video input is 1 Vp-p, with 10-step
grey scale and RF output into 75-
Ω load.
NOTE
Specifications are only valid for envelope demodulation.
Table 21. Video Performance Characteristics
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
Type Notes
Video bandwidth
Reference 0 dB at 100 kHz,
measured at 5 MHz.
–1.5
–0.8
dB
C
1
Video input level
75-
Ω load
1.5VCVBS
D
Video input current
0.2
1
µAA
TV Output Level
77
79
81
83
85
87
471
521
571
621
671
721
771
821
871
Frequency (Mhz)
TV Output Attenuation
55
60
65
70
75
80
85
471
521
571
621
671
721
771
821
871
Frequency (Mhz)
3Fo Harmonics
35
40
45
50
55
60
65
70
75
471
521
571
621
671
721
771
821
871
Frequency (Mhz)
2Fo Harmonics
35
40
45
50
55
60
65
70
75
471
521
571
621
671
721
771
821
871
Frequency (Mhz)
Maximum specification
Minimum specification
Maximum specification
Maximum specification
Minimum specification
Typical
Typical
Typical
Typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com