Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L79XXAC Datasheet(PDF) 5 Page - STMicroelectronics

Part # L79XXAC
Description  2 % negative voltage regulatorsm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79XXAC Datasheet(HTML) 5 Page - STMicroelectronics

  L79XXAC Datasheet HTML 1Page - STMicroelectronics L79XXAC Datasheet HTML 2Page - STMicroelectronics L79XXAC Datasheet HTML 3Page - STMicroelectronics L79XXAC Datasheet HTML 4Page - STMicroelectronics L79XXAC Datasheet HTML 5Page - STMicroelectronics L79XXAC Datasheet HTML 6Page - STMicroelectronics L79XXAC Datasheet HTML 7Page - STMicroelectronics L79XXAC Datasheet HTML 8Page - STMicroelectronics L79XXAC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
L79xxAC
Maximum ratings
5/20
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
for VO= -5 to -18V
-35
V
for VO= -20, -24V
-40
IO
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
0 to 125
°C
Table 3.
Thermal data
Symbol
Parameter
D2PAK
TO-220
Unit
RthJC
Thermal resistance junction-case
3
3
°C/W
RthJA
Thermal resistance junction-ambient
62.5
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com