Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7912AC Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7912AC
Description  2 % negative voltage regulatorsm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7912AC Datasheet(HTML) 1 Page - STMicroelectronics

  L7912AC Datasheet HTML 1Page - STMicroelectronics L7912AC Datasheet HTML 2Page - STMicroelectronics L7912AC Datasheet HTML 3Page - STMicroelectronics L7912AC Datasheet HTML 4Page - STMicroelectronics L7912AC Datasheet HTML 5Page - STMicroelectronics L7912AC Datasheet HTML 6Page - STMicroelectronics L7912AC Datasheet HTML 7Page - STMicroelectronics L7912AC Datasheet HTML 8Page - STMicroelectronics L7912AC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
February 2008
Rev 9
1/20
20
L79xxAC
2 % negative voltage regulators
Features
■ Output current to 1.5 A
■ Output voltages of -5; -12; -15 V
■ Thermal overload protection
■ Short circuit protection
■ Output transition SOA protection
Description
The L79xxAC series of three-terminal negative
regulators is available in TO-220 and D2PAK
packages and several fixed output voltages.
These regulators can provide local on-card
regulation, eliminating the distribution problems
associated with single point regulation;
furthermore, having the same voltage option as
the L78xxA positive standard series, they are
particularly suited for split power supplies. If
adequate heat sinking is provided, they can
deliver over 1.5 A output current.
Although designed primarily as fixed voltage
regulators, these devices can be used with
external components to obtain adjustable
voltages and currents.
D2PAK
TO-220
Table 1.
Device summary
Part numbers
Order codes
Output voltages
TO-220
D2PAK
L7905AC
L7905ACV
L7905ACD2T-TR
-5 V
L7912AC
L7912ACV
L7912ACD2T-TR
-12 V
L7915AC
L7915ACV
-15 V
www.st.com


Similar Part No. - L7912AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7912AC STMICROELECTRONICS-L7912AC Datasheet
93Kb / 11P
2% NEGATIVE VOLTAGE REGULATORS
Nov-1999
L7912AC STMICROELECTRONICS-L7912AC Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
L7912AC STMICROELECTRONICS-L7912AC Datasheet
748Kb / 20P
2 % negative voltage regulators
18-Feb-2008
L7912ACD2T STMICROELECTRONICS-L7912ACD2T Datasheet
93Kb / 11P
2% NEGATIVE VOLTAGE REGULATORS
Nov-1999
L7912ACD2T STMICROELECTRONICS-L7912ACD2T Datasheet
414Kb / 16P
NEGATIVE VOLTAGE REGULATORS
Feb-2003
More results

Similar Description - L7912AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7900AC STMICROELECTRONICS-L7900AC Datasheet
93Kb / 11P
2% NEGATIVE VOLTAGE REGULATORS
Nov-1999
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
GTM CORPORATION
GSC79LXX GTM-GSC79LXX Datasheet
345Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
STMicroelectronics
L7900AC STMICROELECTRONICS-L7900AC_07 Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
Negative voltage regulators
05-Dec-2007
L7905AC STMICROELECTRONICS-L7905AC_08 Datasheet
748Kb / 20P
2 % negative voltage regulators
18-Feb-2008
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
Negative Voltage Regulator
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
Negative voltage regulators
15-May-2012
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com