Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBH24 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LNBH24
Description  Dual LNB supply and control IC with step-up and I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH24 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LNBH24 Datasheet HTML 2Page - STMicroelectronics LNBH24 Datasheet HTML 3Page - STMicroelectronics LNBH24 Datasheet HTML 4Page - STMicroelectronics LNBH24 Datasheet HTML 5Page - STMicroelectronics LNBH24 Datasheet HTML 6Page - STMicroelectronics LNBH24 Datasheet HTML 7Page - STMicroelectronics LNBH24 Datasheet HTML 8Page - STMicroelectronics LNBH24 Datasheet HTML 9Page - STMicroelectronics LNBH24 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Introduction
LNBH24
6/30
be activated both with the DSQIN pin or the TEN I²C bit. The DSQIN internal circuit activates
the 22 kHz tone on the VoTX output with 0.5 cycle ± 25 µs delay from the TTL signal
presence on the DSQIN pin, and it stops with 1 cycle ± 25 µs delay after the TTL signal is
expired.
2.5
Data encoding through external tone generator (EXTM)
In order to improve design flexibility an external tone input pin is available (EXTM). The
EXTM is a Logic input pin which activates the 22 kHz tone output, on the VoTX pin, by using
the LNBH24 integrated tone generator (similar to the DSQIN pin function). In fact, the output
tone waveform characteristics will always be internally controlled by the LNBH24 tone
generator and the EXTM signal will be used as a timing control for DiSEqC tone data
encoding on the VoTX output. A TTL-compatible 22 kHz signal is required for the proper
control of the EXTM pin function. Before sending the TTL signal on the EXTM pin, the VoTX
tone generator must be previously enabled through the TTX function (TTX pin or TTX bit set
HIGH). As soon as the EXTM internal circuit detects the 22 kHz TTL signal code, it activates
the 22 kHz tone on the VoTX output with 1.5 cycles ±25 µs delay from the TTL signal
presence on the EXTM pin, and it stops with 2 cycles ±25 µs delay after the TTL signal is
expired (see Figure 2).
2.6
I²C interface
The main functions of the IC are controlled via I²C BUS by writing 8 bits on the System
Register (SR 8 bits in write mode). On the same register there are 8 bits that can be read
back (SR 8 bits in read mode) to provide 8 diagnostic functions: five bits will report the
diagnostic status of five internal monitoring functions (IMON, VMON, TMON, OTF, OLF),
while three will report the last output voltage register status (EN, VSEL, LLC) received by
the IC (see the diagnostic functions section). Each section (A/B) has two selectable I²C
addresses selectable, respectively, through the ADDR-A and ADDR-B pins (see address
pins characteristics Table 10).
2.7
Output voltage selection
When the IC sections are in standby mode (EN bit LOW), the power blocks are disabled.
When the regulator blocks are active (EN bit HIGH), the output can be logic controlled to be
13 or 18 V by means of the VSEL bit (Voltage SELect) for remote controlling of non-DiSEqC
LNBs. Additionally, the LNBH24 is provided with the LLC I2C bit which increase the selected
voltage value by +1 V to compensate the excess of voltage drop along the coaxial cable.
Figure 2.
EXTM timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com