Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD680 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BD680
Description  Complementary power Darlington transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD680 Datasheet(HTML) 4 Page - STMicroelectronics

  BD680 Datasheet HTML 1Page - STMicroelectronics BD680 Datasheet HTML 2Page - STMicroelectronics BD680 Datasheet HTML 3Page - STMicroelectronics BD680 Datasheet HTML 4Page - STMicroelectronics BD680 Datasheet HTML 5Page - STMicroelectronics BD680 Datasheet HTML 6Page - STMicroelectronics BD680 Datasheet HTML 7Page - STMicroelectronics BD680 Datasheet HTML 8Page - STMicroelectronics BD680 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
BD6xxx
4/12
2
Electrical characteristics
(Tcase = 25°C; unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEO
Collector cut-off current
(IB = 0)
VCE = half rated VCEO
0.5
mA
ICBO
Collector cut-off current
(IE = 0)
VCE = rated VCBO
VCE = rated VCBO
Tc = 100 °C
0.2
2
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
2mA
VCEO(sus)
(1)
Collector-emitter
sustaining voltage (IB = 0)
for BD677, BD677A,
BD678, BD678A
IC = 50 mA
60
V
for BD679, BD679A,
BD680, BD680A
IC = 50 mA
80
for BD681, BD682
IC = 50 mA
100
VCE(sat)
(1)
Collector-emitter saturation
voltage
for BD677, BD678,
BD679, BD680, BD681,
BD682
IC = 1.5 A
IB = 30 mA
2.5
V
for BD677A, BD678A,
BD679A, BD680A
IC = 2 A
IB = 40 mA
2.8
VBE
(1)
Base-emitter voltage
for BD677, BD678,
BD679, BD680, BD681,
BD682
IC = 1.5 A ___ VCE = 3 V
2.5
V
for BD677A, BD678A,
BD679A, BD680A
IC = 2 A
VCE = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com