Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD680A Datasheet(PDF) 3 Page - STMicroelectronics

Part # BD680A
Description  Complementary power Darlington transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD680A Datasheet(HTML) 3 Page - STMicroelectronics

  BD680A Datasheet HTML 1Page - STMicroelectronics BD680A Datasheet HTML 2Page - STMicroelectronics BD680A Datasheet HTML 3Page - STMicroelectronics BD680A Datasheet HTML 4Page - STMicroelectronics BD680A Datasheet HTML 5Page - STMicroelectronics BD680A Datasheet HTML 6Page - STMicroelectronics BD680A Datasheet HTML 7Page - STMicroelectronics BD680A Datasheet HTML 8Page - STMicroelectronics BD680A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BD6xxx
Absolute maximum ratings
3/12
1
Absolute maximum ratings
Note:
For PNP types voltage and current values are negative
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
NPN
BD677
BD677A
BD679
BD679A
BD681
PNP
BD678
BD678A
BD680
BD680A
BD682
VCBO
Collector-base voltage (IE = 0)
60
80
100
V
VCEO
Collector-emitter voltage (IB = 0)
VEBO
Emitte-base voltage (IC = 0)
5
V
IC
Collector current
4
A
ICM
Collector peak current
6
A
IB
Base current
0.1
A
PTOT
Total dissipation at Tcase = 25°C
40
W
Tstg
Storage temperature
-65 to 150
°C
TJ
Max. operating junction temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com