Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F124CR2QC Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST92F124CR2QC
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124CR2QC Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST92F124CR2QC Datasheet HTML 87Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 88Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 89Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 90Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 91Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 92Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 93Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 94Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 426 page
background image
91/426
ST92F124/F150/F250 - INTERRUPTS
5 INTERRUPTS
5.1 INTRODUCTION
The ST9 responds to peripheral and external
events through its interrupt channels. Current pro-
gram execution can be suspended to allow the
ST9 to execute a specific response routine when
such an event occurs, providing that interrupts
have been enabled, and according to a priority
mechanism. If an event generates a valid interrupt
request, the current program status is saved and
control passes to the appropriate Interrupt Service
Routine.
The ST9 CPU can receive requests from the fol-
lowing sources:
– On-chip peripherals
– External pins
– Top-Level Pseudo-non-maskable interrupt
5.1.1 On-Chip Peripheral Interrupt Sources
5.1.1.1 Dedicated Channels
The following on-chip peripherals have dedicated
interrupt channels with interrupt control registers
located in their peripheral register page.
– A/D Converter
– I2C
– JPBLD
– MFT
– SCI-M
5.1.1.2 Standard Channels
Other on-chip peripherals have their interrupts
mapped to the INTxx interrupt channel group.
These channels have control registers located in
Pages 0 and 60. These peripherals are:
– CAN
– E3 TM/FLASH
– EFT Timer
– RCCU
– SCI-A
– SPI
– STIM timer
– WDT Timer
– WUIMU
5.1.1.3 External Interrupts
Up to eight external interrupts, with programmable
input trigger edge, are available and are mapped
to the INTxx interrupt channel group in page 0.
5.1.1.4 Top Level Interrupt (TLI)
In addition, a dedicated interrupt channel, set to
the Top-level priority, can be devoted either to the
external NMI pin (where available) to provide a
Non-Maskable Interrupt, or to the Timer/Watch-
dog. Interrupt service routines are addressed
through a vector table mapped in Memory.
Figure 44. Interrupt Response
n
5.2 INTERRUPT VECTORING
The ST9 implements an interrupt vectoring struc-
ture which allows the on-chip peripheral to identify
the location of the first instruction of the Interrupt
Service Routine automatically.
When an interrupt request is acknowledged, the
peripheral interrupt module provides, through its
Interrupt Vector Register (IVR), a vector to point
into the vector table of locations containing the
start addresses of the Interrupt Service Routines
(defined by the programmer).
Each peripheral has a specific IVR mapped within
its Register File pages (or in register page 0 or 60
if it is mapped to one of the INTxx channels).
The Interrupt Vector table, containing the address-
es of the Interrupt Service Routines, is located in
the first 256 locations of Memory pointed to by the
ISR register, thus allowing 8-bit vector addressing.
For a description of the ISR register refer to the
chapter describing the MMU.
The user Power on Reset vector is stored in the
first two physical bytes in memory, 000000h and
000001h.
NORMAL
PROGRAM
FLOW
INTERRUPT
SERVICE
ROUTINE
IRET
INSTRUCTION
INTERRUPT
VR001833
CLEAR
PENDING BIT
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com