Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3773 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N3773
Description  High power NPN transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3773 Datasheet(HTML) 3 Page - STMicroelectronics

  2N3773 Datasheet HTML 1Page - STMicroelectronics 2N3773 Datasheet HTML 2Page - STMicroelectronics 2N3773 Datasheet HTML 3Page - STMicroelectronics 2N3773 Datasheet HTML 4Page - STMicroelectronics 2N3773 Datasheet HTML 5Page - STMicroelectronics 2N3773 Datasheet HTML 6Page - STMicroelectronics 2N3773 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N3773
3/7
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICEV
Collector cut-off current
(VBE = -1.5 V)
VCE = 140 V
VCE = 140 V
TC = 150 °C
2
10
mA
mA
ICEO
Collector cut-off current
(IB = 0)
VCE = 120 V
10
mA
ICBO
Collector cut-off current
(IE = 0)
VCB = 140 V
2mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 7 V
5mA
VCEO(sus)
(1)
Collector-emitter
sustaining voltage
(IB = 0)
IC = 0.2 A
140
V
VCEV(sus)
(1)
Collector-emitter
sustaining voltage
(VBE = -1.5 V)
IC = 0.1 A
160
V
VCER(sus)
(1)
Collector-emitter
sustaining voltage
(RBE = 100 Ω)
IC = 0.2 A
150
V
VCE(sat)
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle
≤ 2 %
Collector-emitter
saturation voltage
IC = 8 A
IB = 0.8 A
IC = 16 A
IB = 3.2 A
1.4
4
V
V
VBE
(1)
Base-emitter voltage
IC = 8 A
VCE = 4 V
2.2
V
hFE
(1)
DC current gain
IC = 8 A
VCE = 4 V
IC = 16 A
VCE = 4 V
15
5
60
Is/b
Second Breakdown
Collector Current
VCE = 30 V
t = 1 s (non repetitive)
5A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com