Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2STW1695 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2STW1695
Description  High power PNP epitaxial planar bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STW1695 Datasheet(HTML) 1 Page - STMicroelectronics

  2STW1695 Datasheet HTML 1Page - STMicroelectronics 2STW1695 Datasheet HTML 2Page - STMicroelectronics 2STW1695 Datasheet HTML 3Page - STMicroelectronics 2STW1695 Datasheet HTML 4Page - STMicroelectronics 2STW1695 Datasheet HTML 5Page - STMicroelectronics 2STW1695 Datasheet HTML 6Page - STMicroelectronics 2STW1695 Datasheet HTML 7Page - STMicroelectronics 2STW1695 Datasheet HTML 8Page - STMicroelectronics 2STW1695 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 2008
Rev 4
1/9
9
2STW1695
High power PNP epitaxial planar bipolar transistor
Features
High breakdown voltage VCEO = -140 V
Complementary to 2STW4468
Typical ft = 20 MHz
Fully characterized at 125
oC
Applications
Audio power amplifier
Description
The device is a PNP transistor manufactured
using new BiT-LA (Bipolar transistor for linear
amplifier) technology. The resulting transistor
shows good gain linearity behaviour.
Recommended for 70 W to 100 W high fidelity
audio frequency amplifier output stage.
Figure 1.
Internal schematic diagram
Table 1.
Device summary
TO-247
1
2
3
Order code
Marking
Package
Packaging
2STW1695
2STW1695
TO-247
Tube
www.st.com


Similar Part No. - 2STW1695

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STW1695 STMICROELECTRONICS-2STW1695 Datasheet
192Kb / 9P
High power PNP epitaxial planar bipolar transistor
20-Feb-2007
More results

Similar Description - 2STW1695

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STW1695 STMICROELECTRONICS-2STW1695 Datasheet
192Kb / 9P
High power PNP epitaxial planar bipolar transistor
20-Feb-2007
2STA1695 STMICROELECTRONICS-2STA1695 Datasheet
214Kb / 9P
High power PNP epitaxial planar bipolar transistor
18-May-2007
2STA1943 STMICROELECTRONICS-2STA1943 Datasheet
187Kb / 9P
High power PNP epitaxial planar bipolar transistor
12-Dec-2007
2ST2121 STMICROELECTRONICS-2ST2121 Datasheet
144Kb / 8P
High power PNP epitaxial planar bipolar transistor
11-Jul-2008
2STA1694 STMICROELECTRONICS-2STA1694 Datasheet
95Kb / 7P
High power PNP epitaxial planar bipolar transistor
15-May-2008
2STA1962 STMICROELECTRONICS-2STA1962 Datasheet
180Kb / 9P
High power PNP epitaxial planar bipolar transistor
15-Jul-2008
2STA2121 STMICROELECTRONICS-2STA2121 Datasheet
161Kb / 6P
High power PNP epitaxial planar bipolar transistor
09-May-2008
2STA2510 STMICROELECTRONICS-2STA2510 Datasheet
95Kb / 7P
High power PNP epitaxial planar bipolar transistor
16-May-2008
2STW1693 STMICROELECTRONICS-2STW1693 Datasheet
213Kb / 10P
High power PNP epitaxial planar bipolar transistor
10-Oct-2007
2STW1693 STMICROELECTRONICS-2STW1693_08 Datasheet
152Kb / 9P
High power PNP epitaxial planar bipolar transistor
02-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com