Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33880 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch with Serial Peripheral Interface I/O
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33880 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33880
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 28-Pin Connections
Table 1. SOICW 28-Pin Definitions
Pin
Number
Pin Name
Definition
1
GND
Digital ground.
2
VDD
Logic supply voltage. Logic supply must be switched off for low current mode (VDD below 3.9 V).
3, 4
S8
Output 8 MOSFET source pins.
5
D8
Output 8 MOSFET drain pin.
6
S2
Output 2 MOSFET source pin.
7
D2
Output 2 MOSFET drain pin.
8
S1
Output 1 MOSFET source pin.
9
D1
Output 1 MOSFET drain pin.
10
D6
Output 6 MOSFET drain pin.
11
S6
Output 6 MOSFET source pin.
12
IN6
PWM direct control input pin for output 6. IN6 is “OR” with SPI bit.
13
EN
Enable input. Allows control of outputs. Active high.
14
SCLK
SPI control clock input pin.
15
DI
SPI control data input pin from MCU to the 33880. Logic [1] activates output.
16
CS
SPI control chip select input pin from MCU to the 33880. Logic [0] allows data to be transferred in.
17
IN5
PWM direct control input pin for output 5. IN5 is “OR” with SPI bit.
18
S5
Output 5 MOSFET source pin.
19
D5
Output 5 MOSFET drain pin.
20
D3
Output 3 MOSFET drain pin.
21
S3
Output 3 MOSFET source pin.
22
D4
Output 4 MOSFET drain pin.
23
S4
Output 4 MOSFET source pin.
24
D7
Output 7 MOSFET drain pin.
25, 26
S7
Output 7 MOSFET source pins.
27
VPWR
Power supply pin to the 33880. VPWR has internal reverse battery protection.
28
DO
SPI control data output pin from the 33880 to the MCU. DO = 0 no fault, DO = 1 specific output has fault.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
28
27
26
25
24
23
22
21
20
19
18
17
16
DO
VPWR
S7
S7
D7
S4
D4
S3
D3
D5
S5
IN5
CS
DI
GND
VDD
S8
S8
D8
S2
D2
S1
D1
D6
S6
IN6
EN
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com