Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33912 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33912
Description  LIN System Basis Chip with DC Motor Pre-driver and Current
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33912 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33912 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33912 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33912
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VOLTAGE REGULATOR(22) (VDD)
Normal Mode Output Voltage
1.0mA < IVDD < 50mA; 5.5V < VSUP < 27V
VDDRUN
4.75
5.00
5.25
V
Normal Mode Output Current Limitation
IVDDRUN
60
110
200
mA
Dropout Voltage(23)
IVDD = 50mA
VDDDROP
–
0.1
0.25
V
Stop Mode Output Voltage
IVDD < 5mA
VDDSTOP
4.75
5.0
5.25
V
Stop Mode Output Current Limitation
IVDDSTOP
6.0
12
36
mA
Line Regulation
Normal Mode, 5.5V < VSUP < 18V; IVDD = 10mA
Stop Mode, 5.5V < VSUP < 18V; IVDD = 1.0mA
LRRUN
LRSTOP
–
–
20
5.0
25
25
mV
Load Regulation
Normal Mode, 1.0mA < IVDD < 50mA
Stop Mode, 0.1mA < IVDD < 5mA
LDRUN
LDSTOP
–
–
15
10
80
50
mV
Over-temperature Prewarning (Junction)(24)
Interrupt generated, VDDOT Bit Set
TPRE
110
125
140
°C
Over-temperature Prewarning Hysteresis(24)
TPRE_HYS
–
10
–
°C
Over-temperature Shutdown Temperature (Junction)(24)
TSD
155
170
185
°C
Over-temperature Shutdown Hysteresis(24)
TSD_HYS
–
10
–
°C
HALL SENSOR SUPPLY OUTPUT(25) (HVDD)
VDD Voltage matching HVDDACC = (HVDD-VDD) / VDD * 100%
IHVDD = 15mA
HVDDACC
-2.0
–
2.0
%
Current Limitation
IHVDD
20
30
50
mA
Dropout Voltage
IHVDD = 15mA; IVDD = 5mA
HVDDDROP
–
160
300
mV
Line Regulation
IHVDD = 5mA; IVDD = 5mA
LRHVDD
–
25
40
mV
Load Regulation
1mA > IHVDD > 15mA; IVDD = 5mA
LDHVDD
–
10
20
mV
Notes
22.
Specification with external capacitor 2µF < C < 100µF and 100m
Ω ≤ ESR ≤ 10Ω.
23.
Measured when voltage has dropped 250mV below its nominal Value (5V).
24.
This parameter is guaranteed by process monitoring but not production tested.
25.
Specification with external capacitor 1µF < C < 10µF and 100m
Ω ≤ ESR ≤ 10Ω.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33912 and -40°C ≤ TA ≤ 85°C for the
34912, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com