Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33982 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33982
PACKAGING
SOLDERING INFORMATION
PACKAGING
SOLDERING INFORMATION
SOLDERING INFORMATION
The 33982B is packaged in a surface mount power
package intended to be soldered directly on the printed circuit
board.
The 33982B was qualified in accordance with JEDEC
standards JESD22-A113-B and J-STD-020A. The
recommended reflow conditions are as follows:
• Convection: 225°C +5.0/-0°C
• Vapor Phase Reflow (VPR): 215°C to 219°C
• Infrared (IR)/Convection: 225°C +5.0/-0°C
The maximum peak temperature during the soldering
process should not exceed 230°C. The time at maximum
temperature should range from 10s to 40s maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com