Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20L60 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS20L60
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L60 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS20L60 Datasheet HTML 1Page - STMicroelectronics STPS20L60 Datasheet HTML 2Page - STMicroelectronics STPS20L60 Datasheet HTML 3Page - STMicroelectronics STPS20L60 Datasheet HTML 4Page - STMicroelectronics STPS20L60 Datasheet HTML 5Page - STMicroelectronics STPS20L60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STPS20L60CT/CG/CR
2/6
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
350
µA
Tj = 125°C
65
95
mA
VF *
Forward voltage drop
Tj = 25
°CIF =10 A
0.6
V
Tj = 125°C
IF =10 A
0.48
0.56
Tj=25
°CIF =20 A
0.74
Tj = 125°C
IF =20 A
0.62
0.7
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the conduction losses use the following equation :
P = 0.42x IF(AV) + 0.014 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AB / I
2PAK/D2PAK
Per diode
Total
1.6
0.85
°C/W
Rth (c)
TO-220AB / I
2PAK/D2PAK
Coupling
0.1
°C/W
THERMAL RESISTANCE
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
0123
456
789
10
11
12
0
1
2
3
4
5
6
7
8
PF(av)(W)
IF(av) (A)
T
δ=tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
0
25
50
75
100
125
150
0
2
4
6
8
10
12
IF(av)(A)
T
δ=tp/T
tp
Tamb(°C)
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
Fig.
2:
Average
current
versus
ambient
temperature (
δ=0.5) (per diode).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com