Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204H41APR Datasheet(PDF) 45 Page - Torex Semiconductor

Part # XC6204H41APR
Description  High Speed LDO Regulators Output ON-OFF Control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204H41APR Datasheet(HTML) 45 Page - Torex Semiconductor

Back Button XC6204H41APR Datasheet HTML 41Page - Torex Semiconductor XC6204H41APR Datasheet HTML 42Page - Torex Semiconductor XC6204H41APR Datasheet HTML 43Page - Torex Semiconductor XC6204H41APR Datasheet HTML 44Page - Torex Semiconductor XC6204H41APR Datasheet HTML 45Page - Torex Semiconductor XC6204H41APR Datasheet HTML 46Page - Torex Semiconductor XC6204H41APR Datasheet HTML 47Page - Torex Semiconductor XC6204H41APR Datasheet HTML 48Page - Torex Semiconductor XC6204H41APR Datasheet HTML 49Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
45/49
XC6204/XC6205
Series
MARK
PRODUCT SERIES
4
XC6204xxxxxx
MARK
OUTPUT VOLTAGE 100mV INCREMENTS
OUTPUT VOLTAGE 50mV INCREMENTS
VOLTAGE =0.1~3.0V
VOLTAGE =3.1~6.0V VOLTAGE =0.15
∼3.05V VOLTAGE =3.15∼6.05V
PRODUCT SERIES
V
A
E
L
XC6204Axxxxx
X
B
F
M
XC6204Bxxxxx
Y
C
H
N
XC6204Cxxxxx
Z
D
K
P
XC6204Dxxxxx
MARK
OUTPUT VOLTAGE (V)
MARK
OUTPUT VOLTAGE (V)
0
−
3.1
−
3.15
F
1.6
4.6
1.65
4.65
1
−
3.2
−
3.25
H
1.7
4.7
1.75
4.75
2
−
3.3
−
3.35
K
1.8
4.8
1.85
4.85
3
−
3.4
−
3.45
L
1.9
4.9
1.95
4.95
4
−
3.5
−
3.55
M
2.0
5.0
2.05
5.05
5
−
3.6
−
3.65
N
2.1
5.1
2.15
5.15
6
−
3.7
−
3.75
P
2.2
5.2
2.25
5.25
7
−
3.8
−
3.85
R
2.3
5.3
2.35
5.35
8
−
3.9
−
3.95
S
2.4
5.4
2.45
5.45
9
−
4.0
−
4.05
T
2.5
5.5
2.55
5.55
A
−
4.1
−
4.15
U
2.6
5.6
2.65
5.65
B
−
4.2
−
4.25
V
2.7
5.7
2.75
5.75
C
−
4.3
−
4.35
X
2.8
5.8
2.85
5.85
D
−
4.4
−
4.45
Y
2.9
5.9
2.95
5.95
E
−
4.5
−
4.55
Z
3.0
6.0
3.05
6.05
■MARKING RULE
●SOT-25, SOT-89-5
[XC6204]
①Represents product series
②Represents type of regulator
③Represents output voltage
④Represents production lot number
0
∼9, A to Z repeated. (G, I, J, O, Q, W excepted)
①
②
③ ④
12
3
54
52
4
12
3
SOT-25
(TOP VIEW)
SOT-89-5
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com