Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS2L60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2L60
Description  POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L60 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2L60 Datasheet HTML 1Page - STMicroelectronics STPS2L60 Datasheet HTML 2Page - STMicroelectronics STPS2L60 Datasheet HTML 3Page - STMicroelectronics STPS2L60 Datasheet HTML 4Page - STMicroelectronics STPS2L60 Datasheet HTML 5Page - STMicroelectronics STPS2L60 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
STPS2L60/A
July 2003 - Ed: 2A
POWER SCHOTTKY RECTIFIER
®
Axial and Surface Mount Power Schottky rectifier
suited for Switch Mode Power Supplies and high
frequency DC to DC converters. Packaged in
DO-41 and SMA, this device is intended for use in
low voltage, high frequency inverters and small
battery chargers.
DESCRIPTION
s
NEGLIGIBLE SWITCHING LOSSES
s
LOW FORWARD VOLTAGE DROP
s
AVALANCHE CAPABILITY SPECIFIED
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS)
RMS forward current
10
A
IF(AV)
Average forward current
TL = 115°C
δ = 0.5
SMA
2A
TL = 110°C
δ = 0.5
DO-41
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
75
A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
1600
W
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values)
IF(AV)
2A
VRRM
60 V
Tj (max)
150°C
VF (max)
0.55 V
MAIN PRODUCT CHARACTERISTICS
DO-41
STPS2L60
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink
SMA
STPS2L60A


Similar Part No. - STPS2L60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
73Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-2004
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
114Kb / 9P
Power Schottky rectifier
23-Sep-2011
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
369Kb / 15P
60 V, 2 A low drop power Schottky rectifier
27-Sep-2019
STPS2L60-Y STMICROELECTRONICS-STPS2L60-Y Datasheet
80Kb / 8P
Automotive power Schottky rectifier
02-Nov-2011
STPS2L60-Y STMICROELECTRONICS-STPS2L60-Y Datasheet
83Kb / 7P
Automotive power Schottky rectifier
02-Nov-2011
More results

Similar Description - STPS2L60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
Power Schottky rectifier
15-Feb-2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com