Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17531A Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 17531A
Description  700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

17531A Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 17531A Datasheet HTML 2Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 3Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 4Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 5Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 6Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 7Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 8Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 9Page - Freescale Semiconductor, Inc 17531A Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
17531A
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions TA = 25°C, VDD = 3.0 V, VM = 5.0 V, GND = 0 V unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Motor Supply Voltage (Using Internal Charge Pump) (7)
VM-CP
2.0
5.0
8.6
V
Motor Supply Voltage (VCRES Applied Externally)
(8)
VM-NCP
10
V
Gate Drive Voltage
- Motor Supply Voltage (VCRES Applied Externally) (9)
VCRES -VM
5.0
6.0
V
Logic Supply Voltage
VDD
2.7
3.0
3.6
V
Driver Quiescent Supply Current
No Signal Input
Power Save Mode
IQM
IQM-PSAVE
100
1.0
µA
Logic Quiescent Supply Current
No Signal Input (10)
Power Save Mode
IQVDD
IQVDD-
PSAVE
1.0
1.0
mA
Operating Power Supply Current
Logic Supply Current (11)
Charge Pump Circuit Supply Current (12)
IVDD
ICRES
3.0
0.7
mA
Low VDD Detection Voltage
(13)
VDDDET
1.0
1.6
2.5
V
Driver Output ON Resistance (14)
RDS(ON)
0.8
1.2
Ohms
GATE DRIVE
Gate Drive Voltage (12)
No Current Load
VCRES
12
13
13.5
V
Gate Drive Ability (Internally Supplied)
IC
RES = -1.0 mA
VCRESload
8.5
9.2
V
Recommended External Capacitance (C1L–C1H, C2L–C2H, CRES–GND)
CCP
0.01
0.1
1.0
µF
Notes
7.
Gate drive voltage VCRES is applied from an external source. 2 x VDD + VM must be <
VC
RES max (13.5 V).
8.
No internal charge pump used. VCRES is applied from an external source.
9.
RDS(ON) is not guaranteed if
VC
RES - VM < 5.0 V. Also, function is not guaranteed if
VC
RES - VM < 3.0 V.
10.
IQ
VDD includes the current to pre-driver circuit.
11.
IV
DD includes the current to predriver circuit at fIN = 100 kHz.
12.
At fIN = 20 kHz.
13.
Detection voltage is defined as when the output becomes high-impedance after VDD drops below the detection threshold.
VC
RES is
applied from an external source. 2 x VDD + VM must be <
VC
RES max (13.5 V).
14.
IO = 0.7 A source + sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com