Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N7000
Description  N-channel 60V - 1.8Ω - 0.35A - SOT23-3L / TO-92 STripFET??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N7000 Datasheet(HTML) 1 Page - STMicroelectronics

  2N7000_07 Datasheet HTML 1Page - STMicroelectronics 2N7000_07 Datasheet HTML 2Page - STMicroelectronics 2N7000_07 Datasheet HTML 3Page - STMicroelectronics 2N7000_07 Datasheet HTML 4Page - STMicroelectronics 2N7000_07 Datasheet HTML 5Page - STMicroelectronics 2N7000_07 Datasheet HTML 6Page - STMicroelectronics 2N7000_07 Datasheet HTML 7Page - STMicroelectronics 2N7000_07 Datasheet HTML 8Page - STMicroelectronics 2N7000_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2007
Rev 8
1/14
14
2N7000
2N7002
N-channel 60V - 1.8
Ω - 0.35A - SOT23-3L / TO-92
STripFET™ Power MOSFET
Features
■ Low Qg
■ Low threshold drive
Application
■ Switching applications
Description
This MOSFET is the second generation of
STMicroelectronics unique “Single Feature
Size™” strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
2N7000
60V
<5
Ω (@10V)
0.35
2N7002
60V
<5
Ω (@10V)
0.20
1
2
3
SOT23-3L
TO-92
SOT23-3L
TO-92
Table 1.
Device summary
Order codes
Marking
Package
Packaging
2N7000
2N7000G
TO-92
Bulk
2N7002
ST2N
SOT23-3L
Tape & reel
www.st.com


Similar Part No. - 2N7000_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N7000 ONSEMI-2N7000_07 Datasheet
57Kb / 4P
Small Signal MOSFET 200 mAmps, 60 Volts N?묬hannel TO??2 200 mAMPS 60 VOLTS
March, 2007 ??Rev. 6
logo
Supertex, Inc
2N7000 SUTEX-2N7000_07 Datasheet
524Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - 2N7000_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MTP3055E STMICROELECTRONICS-MTP3055E Datasheet
81Kb / 8P
N - CHANNEL 60V - 0.1ohm - 12A TO-220 STripFET MOSFET
Jul-1999
STB20NE06L STMICROELECTRONICS-STB20NE06L Datasheet
84Kb / 8P
N - CHANNEL 60V - 0.06ohm - 20A TO-263 STripFET] POWER MOSFET
Jun-1999
STP14NF06 STMICROELECTRONICS-STP14NF06 Datasheet
247Kb / 8P
N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET™ POWER MOSFET
Dec-2000
STP45NF06 STMICROELECTRONICS-STP45NF06 Datasheet
114Kb / 6P
N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET™ POWER MOSFET
Nov-2000
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STQ1NE10L STMICROELECTRONICS-STQ1NE10L Datasheet
311Kb / 9P
N-CHANNEL 100V - 0.3 ohm - 1A TO-92 STripFET™ POWER MOSFET
Dec-2002
STW80NE06-10 STMICROELECTRONICS-STW80NE06-10 Datasheet
82Kb / 8P
N - CHANNEL 60V - 0.0085ohm - 80A - TO-247 STripFET POWER MOSFET
Jul-1998
STQ2NF06L STMICROELECTRONICS-STQ2NF06L Datasheet
329Kb / 9P
N-CHANNEL 60V - 0.1 W - 2A TO-92 STripFET™ II POWER MOSFET
Oct-2003
2N7000 STMICROELECTRONICS-2N7000 Datasheet
383Kb / 14P
N-channel 60V - 1.8ohm - 0.35A - SOT23-3L / TO-92 STripFET Power MOSFET
19-Jun-2006
STQ1NE10L STMICROELECTRONICS-STQ1NE10L_07 Datasheet
283Kb / 13P
N-channel 100V - 0.3廓 - 1A - TO-92 STripFET??Power MOSFET
31-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com