Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF281 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF281
Description  RF Power Field Effect Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF281 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF281 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF281 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MRF281SR1 MRF281ZR1
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for digital and analog cellular PCN and PCS base station
applications with frequencies from 1000 to 2500 MHz. Characterized for
operation Class A and Class AB at 26 volts in commercial and industrial
applications.
• Specified Two-Tone Performance @ 1930 and 2000 MHz, 26 Volts
Output Power — 4 Watts PEP
Power Gain — 11 dB
Efficiency — 30%
Intermodulation Distortion — -29 dBc
• Capable of Handling 10:1 VSWR, @ 26 Vdc,
2000 MHz, 4 Watts CW Output Power
Features
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• S-Parameter Characterization at High Bias Levels
• RoHS Compliant
• Available in Tape and Reel. R1 Suffix = 500 Units per
12 mm, 7 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
±20
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
20
0.115
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
5.74
°C/W
Table 3. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
(VGS = 0, ID = 10 μAdc)
V(BR)DSS
65
74
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 28 Vdc, VGS = 0)
IDSS
—
—
10
μAdc
Gate-Source Leakage Current
(VGS = 20 Vdc, VDS = 0)
IGSS
—
—
1
μAdc
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
Document Number: MRF281
Rev. 5, 5/2006
Freescale Semiconductor
Technical Data
MRF281SR1
MRF281ZR1
2000 MHz, 4 W, 26 V
LATERAL N-CHANNEL
BROADBAND
RF POWER MOSFETs
CASE 458B-03, STYLE 1
NI-200S
MRF281SR1
CASE 458C-03, STYLE 1
NI-200Z
MRF281ZR1
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MRF281

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF281 MOTOROLA-MRF281 Datasheet
311Kb / 8P
RF POWER FIELD EFFECT TRANSISTORS
MRF281SR1 MOTOROLA-MRF281SR1 Datasheet
311Kb / 8P
RF POWER FIELD EFFECT TRANSISTORS
MRF281ZR1 MOTOROLA-MRF281ZR1 Datasheet
311Kb / 8P
RF POWER FIELD EFFECT TRANSISTORS
More results

Similar Description - MRF281

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com