Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS30L45CG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS30L45CG
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L45CG Datasheet(HTML) 2 Page - STMicroelectronics

  STPS30L45CG Datasheet HTML 1Page - STMicroelectronics STPS30L45CG Datasheet HTML 2Page - STMicroelectronics STPS30L45CG Datasheet HTML 3Page - STMicroelectronics STPS30L45CG Datasheet HTML 4Page - STMicroelectronics STPS30L45CG Datasheet HTML 5Page - STMicroelectronics STPS30L45CG Datasheet HTML 6Page - STMicroelectronics STPS30L45CG Datasheet HTML 7Page - STMicroelectronics STPS30L45CG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STPS30L45CG/CR/CT/CW/CFP
2/8
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS)
RMS forward current
30
A
IF(AV)
Average forward
current
TO-220FPAB
Tc = 110°C
δ = 0.5
Per diode
Per device
15
30
A
TO-220AB, TO-247,
I
2PAK, D2PAK
Tc = 135°C
δ = 0.5
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
220
A
IRRM
Repetitive peak reverse current
tp=2µs square F=1kHz
1A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
3A
PARM
Repetitive peak avalanche power
tp = 1µs
Tj = 25°C
6000
W
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
ABSOLUTE RATINGS (limiting values, per diode)
*:
dPtot
dTj
Rth j
a
<
−
1
()
thermal runaway condition for a diode on its own heatsink
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220FPAB
Per diode
Total
4
3.2
°C/W
TO-220AB, TO-247,
I
2PAK, D2PAK
Per diode
Total
1.60
0.85
Rth (c)
TO-220FPAB
Coupling
2.5
°C/W
TO-220AB, TO-247,
I
2PAK, D2PAK
0.10
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
Tj = 25°C
VR =VRRM
0.4
mA
Tj = 125°C
100
200
mA
VF *
Forward voltage drop
Tj = 25
°CIF =15 A
0.55
V
Tj = 125°C
IF =15 A
0.42
0.50
Tj=25
°CIF =30 A
0.74
Tj = 125°C
IF =30 A
0.59
0.67
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the conduction losses use the following equation :
P = 0.330 x IF(AV) + 0.011 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com