Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS340B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS340B
Description  POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340B Datasheet(HTML) 3 Page - STMicroelectronics

  STPS340B Datasheet HTML 1Page - STMicroelectronics STPS340B Datasheet HTML 2Page - STMicroelectronics STPS340B Datasheet HTML 3Page - STMicroelectronics STPS340B Datasheet HTML 4Page - STMicroelectronics STPS340B Datasheet HTML 5Page - STMicroelectronics STPS340B Datasheet HTML 6Page - STMicroelectronics STPS340B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1E-3
1E-2
1E-1
1E+0
0
1
2
3
4
5
6
7
8
9
10
t(s)
IM(A)
Ta=25°C
Ta=50°C
Ta=100°C
IM
t
δ=0.5
Fig. 3-1: Non repetitive surge peak forward current
versus overload duration (SMB)(Maximum values).
1.0E-2
1.0E-1
1.0E+0
1.0E+1
1.0E+2
1.0E+3
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
tp(s)
Zth(j-a)/Rth(j-a)
Printed circuit board (e=35µm)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 4-1: Relative variation of thermal transient
impedance junction to lead versus pulse duration
(SMB).
1E-3
1E-2
1E-1
1E+0
0
2
4
6
8
10
12
Ta=25°C
Ta=50°C
Ta=100°C
t(s)
IM(A)
IM
t
δ=0.5
Fig. 3-2: Non repetitive surge peak forward current
versus overload duration (SMC) (Maximum values).
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
Tc=25°C
Tc=50°C
Tc=100°C
t(s)
IM(A)
IM
t
δ=0.5
Fig. 3-3: Non repetitive surge peak forward current
versus overload duration (DPAK) (Maximum
values).
1.0E-2
1.0E-1
1.0E+0
1.0E+1
1.0E+2
1.0E+3
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
tp(s)
Zth(j-a)/Rth(j-a)
T
δ=tp/T
tp
Printed circuit board (e=35µm)
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 4-2: Relative variation of thermal transient
impedance junction to lead versus pulse duration
(SMC).
1E-3
1E-2
1E-1
1E+0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
tp(s)
Zth(j-a)/Rth(j-a)
T
δ=tp/T
tp
Printed circuit board (e=35µm)
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 4-3: Relative variation of thermal transient
impedance
junction
to
lead
versus
pulse
duration(DPAK).
STPS340U/S/B
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com