Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP11NK50Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP11NK50Z
Description  N-channel 500 V, 0.48 Ω , 10 A TO-220, TO-220FP, D2PAK Zener-protected SuperMESHTM Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NK50Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP11NK50Z Datasheet HTML 1Page - STMicroelectronics STP11NK50Z Datasheet HTML 2Page - STMicroelectronics STP11NK50Z Datasheet HTML 3Page - STMicroelectronics STP11NK50Z Datasheet HTML 4Page - STMicroelectronics STP11NK50Z Datasheet HTML 5Page - STMicroelectronics STP11NK50Z Datasheet HTML 6Page - STMicroelectronics STP11NK50Z Datasheet HTML 7Page - STMicroelectronics STP11NK50Z Datasheet HTML 8Page - STMicroelectronics STP11NK50Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
May 2008
Rev 6
1/16
16
STB11NK50Z - STP11NK50ZFP
STP11NK50Z
N-channel 500 V, 0.48
Ω , 10 A TO-220, TO-220FP, D2PAK
Zener-protected SuperMESHTM Power MOSFET
Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
Application
■ Switching applications
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STB11NK50Z
500 V
< 0.52
Ω 10 A 125 W
STP11NK50ZFP
500 V
< 0.52
Ω 10 A 30 W
STP11NK50Z
500 V
< 0.52
Ω 10 A 125 W
TO-220FP
TO-220
D2PAK
1
2
3
1
2
3
1
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB11NK50ZT4
B11NK50Z
D²PAK
Tape and reel
STP11NK50ZFP
P11NK50ZFP
TO-220FP
Tube
STP11NK50Z
P11NK50Z
TO-220
Tube
www.st.com


Similar Part No. - STP11NK50Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NK50Z STMICROELECTRONICS-STP11NK50Z Datasheet
585Kb / 12P
N-CHANNEL 500V - 0.48ohm - 10A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
Jun-2003
logo
Inchange Semiconductor ...
STP11NK50Z ISC-STP11NK50Z Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP11NK50ZFP STMICROELECTRONICS-STP11NK50ZFP Datasheet
585Kb / 12P
N-CHANNEL 500V - 0.48ohm - 10A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
Jun-2003
More results

Similar Description - STP11NK50Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP9NK50Z STMICROELECTRONICS-STP9NK50Z Datasheet
572Kb / 12P
N-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
June 2002
STP9NK50Z STMICROELECTRONICS-STP9NK50Z_04 Datasheet
580Kb / 13P
N-CHANNEL 500V - 0.72W - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH??Power MOSFET
Jun-2004
STB11NK40Z STMICROELECTRONICS-STB11NK40Z_07 Datasheet
421Kb / 16P
N-channel 400V - 0.49Ω - 9A TO-220 - TO-220FP - D2PAK Zener-protected SuperMESHTM Power MOSFET
18-Jan-2007
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
17-Nov-2008
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
497Kb / 18P
N-channel 600 V, 0.48 Ω, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
15-Apr-2009
STB11NK40Z STMICROELECTRONICS-STB11NK40Z_09 Datasheet
507Kb / 17P
N-channel 400 V, 0.49 Ω, 9 A, TO-220, TO-220FP, D2PAK Zener-protected SuperMESH™ Power MOSFET
20-Apr-2009
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
N-channel 500 V, 0.23 Ω, 17 A SuperMESH™Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
26-Nov-2009
STB9NK90Z STMICROELECTRONICS-STB9NK90Z_10 Datasheet
997Kb / 17P
N-channel 900 V, 1.1 Ω, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH™Power MOSFET
19-May-2010
STF13NK50Z STMICROELECTRONICS-STF13NK50Z Datasheet
522Kb / 15P
N-channel 500 V, 0.40 Ω, 11 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™ Power MOSFET
19-Mar-2009
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com