Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD151TS302RP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD151TS302RP
Description  Spread Spectrum Clock for EMI Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS302RP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD151TS302RP Datasheet HTML 2Page - Renesas Technology Corp HD151TS302RP Datasheet HTML 3Page - Renesas Technology Corp HD151TS302RP Datasheet HTML 4Page - Renesas Technology Corp HD151TS302RP Datasheet HTML 5Page - Renesas Technology Corp HD151TS302RP Datasheet HTML 6Page - Renesas Technology Corp HD151TS302RP Datasheet HTML 7Page - Renesas Technology Corp HD151TS302RP Datasheet HTML 8Page - Renesas Technology Corp HD151TS302RP Datasheet HTML 9Page - Renesas Technology Corp HD151TS302RP Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HD151TS302RP
Rev.6.00 Apr 07, 2006 page 9 of 9
Package Dimensions
5
8
4
F
*1
*3
p
M
x
y
1
Index mark
D
Z
b
p
Terminal cross section
( Ni/Pd/Au plating )
b
1
Detail F
L
L
θ
0.75
0.10
1.27
5.80
6.20
0.40
0.34
A1
5.30
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.75
1.27
0.60
0.40
3.95
0.25
0.14
0.10
0.46
0.25
0.20
0.15
6.10
8°
0°
0.25
1.08
4.90
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
P-SOP8-3.95x4.9-1.27
0.085g
MASS[Typ.]
FP-8DCV
PRSP0008DD-C
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com