Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD151TS304RP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD151TS304RP
Description  Spread Spectrum Clock for EMI Solution
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS304RP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD151TS304RP Datasheet HTML 2Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 3Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 4Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 5Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 6Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 7Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 8Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 9Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HD151TS304RP
Rev.6.00 Apr 07, 2006 page 7 of 9
2. Example Board Layout Configuration
8
1
7
CLKOUT
6
5
3
4
R2
Crystal connection
or Reference input
Crystal connection
or Not connection
SSCCLKOUT
R1
G
P
G
G
0.1
µF
22
µF
FB
VDD
(+3.3 V Supply)
G
Note:
Via to GND plane
R1, R2 = Match value to line impedance.
FB = Ferrite bead.
(22
Ω Reference value)
Figure 3 Example Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com