Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS41L30CG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS41L30CG
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS41L30CG Datasheet(HTML) 2 Page - STMicroelectronics

  STPS41L30CG Datasheet HTML 1Page - STMicroelectronics STPS41L30CG Datasheet HTML 2Page - STMicroelectronics STPS41L30CG Datasheet HTML 3Page - STMicroelectronics STPS41L30CG Datasheet HTML 4Page - STMicroelectronics STPS41L30CG Datasheet HTML 5Page - STMicroelectronics STPS41L30CG Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STPS41L30CG / STPS41L30CT / STPS41L30CR
2/6
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
1.5
mA
Tj = 125°C
170
350
mA
VF *
Forward voltage drop
Tj = 25
°CIF =20 A
0.48
V
Tj = 125°C
IF =20 A
0.35
0.38
Tj=25
°CIF =40 A
0.57
Tj = 125°C
IF =40 A
0.47
0.49
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the conduction losses use the following equation :
P=0.27xIF(AV) + 0.0055 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
Total
1.5
0.8
°C/W
Rth(c)
Coupling
0.1
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
25
IF(av)(A)
T
δ=tp/T
tp
PF(av)(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
Fig. 1: Conduction losses versus average current.
0
5
10
15
20
25
0
25
50
75
100
125
150
Tamb(°C)
Rth(j-a)=Rth(j-c)
Rth(j-a)=50°C/W
IF(av)(A)
T
δ=tp/T
tp
Fig. 2: Average forward current versus ambient
temperature (
δ = 0.5).
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
T (°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 4: Normalized avalanche power derating
versus junction temperature.
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus pulse duration.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com