Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA893A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA893A
Description  Silicon PNP Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA893A Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA893A Datasheet HTML 1Page - Renesas Technology Corp 2SA893A Datasheet HTML 2Page - Renesas Technology Corp 2SA893A Datasheet HTML 3Page - Renesas Technology Corp 2SA893A Datasheet HTML 4Page - Renesas Technology Corp 2SA893A Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA893A
Rev.2.00 Aug 10, 2005 page 3 of 4
Main Characteristics
0
–2
–4
–6
–8
–10
–10
–20
–30
–40
–50
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
–8
–10
–12
–14
–16
–18
–20
–22
–6
–4
–2
µA
IB = 0
–0.01
–0.03
–0.1
–0.3
–1.0
–3
–10
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
VCE = –12 V
Ta =100 C 75 50 25
0 –25
0
400
200
800
600
1,000
–0.01 –0.03
–0.1
–0.3
–1.0
–3
–10
–30
Collector Current IC (mA)
DC Current Transfer Ratio vs. Collector Current
VCE = –12 V
Ta = 100
°C
75
50
25
0
–25
5
100
30
10
300
1,000
–0.01 –0.03
–0.1
–0.3
–1.0
–3
–10
–30
Collector Current IC (mA)
Gain Bandwidth Product vs. Collector Current
VCE = –12 V
0.5
1.0
2
5
10
50
20
–1
–3
–10
Collector to Base Voltage VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
–30
–100
IE = 0
f = 1 MHz
0
100
200
300
50
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
100
150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com