Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1190 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA1190
Description  Silicon PNP Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1190 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA1190 Datasheet HTML 1Page - Renesas Technology Corp 2SA1190 Datasheet HTML 2Page - Renesas Technology Corp 2SA1190 Datasheet HTML 3Page - Renesas Technology Corp 2SA1190 Datasheet HTML 4Page - Renesas Technology Corp 2SA1190 Datasheet HTML 5Page - Renesas Technology Corp 2SA1190 Datasheet HTML 6Page - Renesas Technology Corp 2SA1190 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA1190
Rev.2.00 Aug 10, 2005 page 3 of 6
Main Characteristics
0
50
100
150
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
600
400
200
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics (1)
–20
–16
–12
–8
–4
0
–20
–40
–60
–80
–100
IB = 0
–5
µA
–10
–15
–20
–25
–30
Typical Output Characteristics (2)
Collector to Emitter Voltage VCE (V)
0
–4
–8
–12
–16
–20
–10
–8
–6
–4
–2
IB = 0
–2
µA
–4
–6
–8
–10
–12
–14
–16
–18
–20
Typical Transfer Characteristics
–0.1
–1.0
–10
–100
Base to Emitter Voltage VBE (V)
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCE = –6 V
Pulse
Ta = 75
°C
25
–25
Collector Cutoff Current vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
0
–20
–40
–60
–80
–100
–1
–10
–100
–1,000
–10.000
Ta = 75
°C
IE = 0
25
–25
Collector Cutoff Current vs.
Collector to Emitter Voltage
Collector to Emitter Voltage VCE (V)
0
–20
–40
–60
–80
–100
–0.1
–1.0
–10
–100
–1,000
Ta = 75
°C
25
–25
RBE = ∞



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com