Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2080 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA2080
Description  Silicon PNP Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA2080 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA2080 Datasheet HTML 1Page - Renesas Technology Corp 2SA2080 Datasheet HTML 2Page - Renesas Technology Corp 2SA2080 Datasheet HTML 3Page - Renesas Technology Corp 2SA2080 Datasheet HTML 4Page - Renesas Technology Corp 2SA2080 Datasheet HTML 5Page - Renesas Technology Corp 2SA2080 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SA2080
Rev.1.00 Aug 10, 2005 page 3 of 5
Main Characteristics
150
Ta = 75
°C
25
Typical Transfer Characteristics
Maximum Collector Dissipation Curve
100
50
0
50
100
150
Ambient Temperature Ta (°C)
*Value on the glass epoxy board
(10 mm x 10 mm x 0.7 mm)
–25
Typical Output Characteristics (1)
–0.2
Collector to Emitter Voltage VCE (V)
–5
–4
–3
–2
–1
0
–0.4
–0.6
–0.8
–1.0
–20
–15
–10
–5
µA
IB = 0
–5
Typical Output Characteristics (2)
Collector to Emitter Voltage VCE (V)
–5
–4
–3
–2
–1
0
–5
–10
–15
–20
–25
Pulse test
IB = 0
–5
µA
–10
–15
–20
–25
Base to Emitter Voltage VBE (V)
–0.2
–0.4
–0.6
–0.8
–1.0
–4
–3
–2
–1
0
VCE = –12 V
VCE = –12 V
Pulse test
DC Current Transfer Ratio vs.
Collector Current
Collector Current
IC (mA)
–0.01
–0.1
–1.0
–10
–100
500
400
300
200
100
0
Collector Current
IC (mA)
Gain Bandwidth Product vs.
Collector Current
500
–0.5
–1.0
–2
–5
–10
–20
VCE = –12 V
Pulse test
400
300
200
100
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com