Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC460 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC460
Description  Silicon NPN Epitaxial Planar
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC460 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC460 Datasheet HTML 1Page - Renesas Technology Corp 2SC460 Datasheet HTML 2Page - Renesas Technology Corp 2SC460 Datasheet HTML 3Page - Renesas Technology Corp 2SC460 Datasheet HTML 4Page - Renesas Technology Corp 2SC460 Datasheet HTML 5Page - Renesas Technology Corp 2SC460 Datasheet HTML 6Page - Renesas Technology Corp 2SC460 Datasheet HTML 7Page - Renesas Technology Corp 2SC460 Datasheet HTML 8Page - Renesas Technology Corp 2SC460 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SC460, 2SC461
Rev.2.00 Aug 10, 2005 page 2 of 8
Electrical Characteristics
(Ta = 25°C)
2SC460
2SC461
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V(BR)CBO
30
30
V
IC = 10
µA, IE = 0
Collector to emitter
breakdown voltage
V(BR)CEO
30
30
V
IC = 1 mA, RBE =
Emitter to base
breakdown voltage
V(BR)EBO
5
5
V
IE = 10
µA, IC = 0
Collector cutoff current
ICBO
0.5
0.5
µA
VCB = 18 V, IE = 0
Emitter cutoff current
IEBO
0.5
0.5
µA
VEB = 2 V, IC = 0
Base to emitter voltage
VBE
0.63
0.75
0.63
0.75
V
VCE = 12 V, IC = 2 mA
DC current transfer ratio
hFE*
1
100
200
35
200
VCE = 12 V, IC = 2 mA
Collector to emitter
saturation voltage
VCE(sat)
0.6
1.1
0.6
1.1
V
IC = 10 mA, IB = 1 mA
Gain bandwidth product
fT
230
230
MHz
VCE = 12 V, IC = 2 mA
Collector output
capacitance
Cob
1.8
3.5
1.8
3.5
pF
VCB = 10 V, IE = 0,
f = 1 MHz
10.7 MHz power gain
PG
26
29
dB
VCE = 6 V, IE = –1 mA
f = 10.7 MHz
100 MHz power gain
PG
13
17
dB
VCE = 6 V, IE = –1 mA
f = 100 MHz
Noise figure
NF
2.0
dB
VCE = 6 V, IE = –1 mA
f = 1MHz
Rg = 500
Note:
1. The 2SC461 is grouped by hFE as follows.
B
C
60 to 120
100 to 200
Small Signal y Parameters
(VCE = 6 V, IC = 1 mA, Emitter Common)
Item
Symbol
f
2SC460A,
2S461A
2SC460B,
2SC461B
2SC460C,
2SC461C
Unit
Input admittance
yie
455 kHz
0.58 + j0.074
0.42 + j0.068
0.30 + j0.051
mS
4.5 MHz
0.65 + j0.79
0.50 + j0.7
0.35 + j0.57
10.7 MHz
0.91 + j2.0
0.61 + j1.9
0.39 + j1.3
100 MHz
7.4 + j14
5.6 + j12
3.8 + j6.0
Reverse transfer admittance
yre
455 kHz
–j0.003
–j0.003
–j0.003
mS
4.5 MHz
–j0.04
–j0.04
–j0.04
10.7 MHz
–j0.13
–j0.13
–j0.13
100 MHz
–j1.0
–j1.0
–j1.0
Forward transfer admittance
yfe
455 kHz
38 – j0.1
37 – j0.1
37 – j0.2
mS
4.5 MHz
35 – j1.0
35 – j1.2
34 – j1.8
10.7 MHz
34 – j2.5
34 – j2.5
33 – j4.5
100 MHz
28 – j20
28 – j19
20 – j19
Output admittance
yoe
455 kHz
0.0098 + j0.009
0.013 + j0.009
0.016 + j0.012
mS
4.5 MHz
0.02 + j0.09
0.023 + j0.092
0.03 + j0.10
10.7 MHz
0.11 + j0.4
0.11 + j0.4
0.12 + j0.4
100 MHz
0.40 + j1.7
0.50 + j2.0
0.83 + j2.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com