Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1515K Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC1515K
Description  Silicon NPN Triple Diffused
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1515K Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC1515K Datasheet HTML 1Page - Renesas Technology Corp 2SC1515K Datasheet HTML 2Page - Renesas Technology Corp 2SC1515K Datasheet HTML 3Page - Renesas Technology Corp 2SC1515K Datasheet HTML 4Page - Renesas Technology Corp 2SC1515K Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.2.00 Aug 10, 2005 page 1 of 4
2SC1515(K)
Silicon NPN Triple Diffused
REJ03G0689-0200
(Previous ADE-208-1055)
Rev.2.00
Aug.10.2005
Application
High voltage switching
Outline
1. Emitter
2. Collector
3. Base
RENESAS Package code: PRSS0003DA-A
(Package name: TO-92 (1))
3
2
1
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
200
V
Collector to emitter voltage
VCES
200
V
VCEO
150
V
Emitter to base voltage
VEBO
5
V
Collector current
IC
50
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C


Similar Part No. - 2SC1515K

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1515K HITACHI-2SC1515K Datasheet
28Kb / 6P
Silicon NPN Triple Diffused
More results

Similar Description - 2SC1515K

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
Silicon NPN Triple Diffused
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
SILICON NPN TRIPLE DIFFUSED DIFFUSED
logo
Renesas Technology Corp
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
Silicon NPN Triple Diffused
2SD1133 RENESAS-2SD1133 Datasheet
145Kb / 6P
Silicon NPN Triple Diffused
2SC4647 RENESAS-2SC4647 Datasheet
146Kb / 7P
Silicon NPN Triple Diffused
2SC4913 RENESAS-2SC4913 Datasheet
145Kb / 7P
Silicon NPN Triple Diffused
2SD1976 RENESAS-2SD1976 Datasheet
150Kb / 7P
Silicon NPN Triple Diffused
2SD2337 RENESAS-2SD2337 Datasheet
147Kb / 7P
Silicon NPN Triple Diffused
logo
Guangdong Kexin Industr...
2SC4499S KEXIN-2SC4499S Datasheet
39Kb / 1P
Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com