Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2462 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC2462
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2462 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC2462 Datasheet HTML 1Page - Renesas Technology Corp 2SC2462 Datasheet HTML 2Page - Renesas Technology Corp 2SC2462 Datasheet HTML 3Page - Renesas Technology Corp 2SC2462 Datasheet HTML 4Page - Renesas Technology Corp 2SC2462 Datasheet HTML 5Page - Renesas Technology Corp 2SC2462 Datasheet HTML 6Page - Renesas Technology Corp 2SC2462 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC2462
Rev.2.00 Aug 10, 2005 page 4 of 6
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
420
816
12
0
1
2
4
3
5
IE = 0
f = 1 MHz
Emitter Input Capacitance vs.
Emitter to Base Voltage
Emitter to Base Voltage VEB (V)
210
48
6
0
1
2
4
3
5
IC = 0
f = 1 MHz
Contours of Constant Noise Figure
0.1
0.2
0.5
1.0
2
5
10
Collector Current IC (mA)
0.05
0.1
0.2
1.0
0.5
2.0
VCE = 6 V
f = 120 Hz
NF = 1dB
2
3
4
6
8
8
6
10
12
14
Contours of Constant Noise Figure
0.1
0.2
0.5
1.0
2
5
10
Collector Current IC (mA)
0.05
0.1
0.2
1.0
0.5
2.0
3
4
3
8
4
8
2
1.0
VCE = 6 V
f = 1 kHz
NF = 0.5 dB
Contours of Constant Noise Figure
0.1
0.2
0.5
1.0
2
5
10
Collector Current IC (mA)
0.05
0.1
0.2
1.0
0.5
2.0
1
2
VCE = 6 V
f = 10 kHz
NF
= 0.5
dB
4
1
4
2
Noise Figure vs. Frequency
0
100
1k
3k
300
10k
30k
30
2
4
6
8
10
Frequency f (Hz)
IC = 0.1 mA
Rg = 500 Ω
VCE = 6 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com