Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8302A Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8302A
Description  2.5W Filterless Class-D Mono Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8302A Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8302A Datasheet HTML 1Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 2Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 3Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 4Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 5Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 6Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 7Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 8Page - Power Analog Micoelectronics PAM8302A Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage at no Input Signal...................6.6V
Storage Temperature.....................-65
to 150
Soldering Temperature.......................
Input Voltage.............................-0.3V to V +0.3V
Maximum Junction Temperature..................150
300
,5sec
DD
°
°°
°
C
CC
C
09/2008 Rev 1.2
,
Power Analog Microelectronics Inc
Recommended Operating Conditions
Supply voltage Range........................
Ambient Operation Temperature
Range.........................................
Junction Temperature Range.........-40
to 125
2.5V to 5.5V
Max. Supply Voltage (for Max. duration of
30 minutes)................................................6.0V
-40
to 85
°°
°°
CC
CC
Thermal Information
www.poweranalog.com
PAM8302A
2.5W Filterless Class-D Mono Audio Amplifier
Parameter
Symbol
Package
Maximum
Unit
SOP-8
115
°C/W
MSOP-8
180
°C/W
Thermal Resistance
(Junction to ambient)
θJA
DFN 3x3-8
47.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com