Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF20NM50FD Datasheet(PDF) 15 Page - STMicroelectronics

Part # STF20NM50FD
Description  N-channel 500 V, 0.22 Ω, 20 A D2PAK, TO-220FP, TO-220 FDmesh??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20NM50FD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STF20NM50FD Datasheet HTML 8Page - STMicroelectronics STF20NM50FD Datasheet HTML 9Page - STMicroelectronics STF20NM50FD Datasheet HTML 10Page - STMicroelectronics STF20NM50FD Datasheet HTML 11Page - STMicroelectronics STF20NM50FD Datasheet HTML 12Page - STMicroelectronics STF20NM50FD Datasheet HTML 13Page - STMicroelectronics STF20NM50FD Datasheet HTML 14Page - STMicroelectronics STF20NM50FD Datasheet HTML 15Page - STMicroelectronics STF20NM50FD Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
STB20NM50FD - STF20NM50FD - STP20NM50FD
Revision history
15/16
6
Revision history
Table 9.
Document revision history
Date
Revision
Changes
21-Jun-2004
8
21-Apr-2008
9
Figure 4: Safe operating area for TO-220FP and Figure 5: Thermal
impedance for TO-220FP added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com