Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF24NM65N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF24NM65N
Description  N-channel 650 V - 0.16 廓 - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh??Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF24NM65N Datasheet(HTML) 5 Page - STMicroelectronics

  STF24NM65N Datasheet HTML 1Page - STMicroelectronics STF24NM65N Datasheet HTML 2Page - STMicroelectronics STF24NM65N Datasheet HTML 3Page - STMicroelectronics STF24NM65N Datasheet HTML 4Page - STMicroelectronics STF24NM65N Datasheet HTML 5Page - STMicroelectronics STF24NM65N Datasheet HTML 6Page - STMicroelectronics STF24NM65N Datasheet HTML 7Page - STMicroelectronics STF24NM65N Datasheet HTML 8Page - STMicroelectronics STF24NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STB24NM65N-STI24NM65N-STF24NM65N-STP/W24NM65N
Electrical characteristics
5/19
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
650
V
dv/dt (1)
1.
Characteristic value at turn off on inductive load
Drain source voltage slope
VDD= 520 V, ID=19 A,
VGS=10 V
35
V/ns
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = max rating
VDS = max rating, @125 °C
1
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 9.5 A
0.16
0.19
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward transconductance
VDS= 15 V, ID = 9.5 A
14
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50 V, f = 1 MHz,
VGS = 0
2500
120
10
pF
pF
pF
Coss eq
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS = 0, VDS = 0 to 520 V
310
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 520 V, ID = 19 A,
VGS = 10 V,
(see Figure 19)
70
10
40
nC
nC
nC
RG
Gate input resistance
f=1 MHz gate DC bias = 0
Test signal level = 20 mV
open drain
2.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com