Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3130CMB280 Datasheet(PDF) 14 Page - Power Analog Micoelectronics

Part # PAM3130CMB280
Description  3A Low Voltage-Low Dropout CMOS Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3130CMB280 Datasheet(HTML) 14 Page - Power Analog Micoelectronics

Back Button PAM3130CMB280 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3130CMB280 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3130CMB280 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3130CMB280 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3130CMB280 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3130CMB280 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3130CMB280 Datasheet HTML 16Page - Power Analog Micoelectronics PAM3130CMB280 Datasheet HTML 17Page - Power Analog Micoelectronics PAM3130CMB280 Datasheet HTML 18Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Ordering Information(continued)
14
08/2007
PAM3130
3A Low Voltage-Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
Part Number
Output Voltage
Marking
Package Type
Standard Package
PAM3130CMB180
1.8V
P3130E
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130DEC180
1.8V
P3130E
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3130AFA250
2.5V
P3130G
FATYW
TO-220
50Units/Tube
PAM3130BMB250
2.5V
P3130G
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130CMB250
2.5V
P3130G
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130DEC250
2.5V
P3130G
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3130AFA280
2.8V
P3130H
FATYW
TO-220
50Units/Tube
PAM3130BMB280
2.8V
P3130H
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130CMB280
2.8V
P3130H
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130DEC280
2.8V
P3130H
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3130AFA285
2.85V
P3130I
FATYW
TO-220
50Units/Tube
PAM3130BMB285
2.85V
P3130I
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130CMB285
2.85V
P3130I
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130DEC285
2.85V
P3130I
FATYW
SOP-8
2,500Units/Tape&Reel
PAM3130AFA300
3.0V
P3130J
FATYW
TO-220
50Units/Tube
PAM3130BMB300
3.0V
P3130J
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130CMB300
3.0V
P3130J
FATYW
TO-263-5L
800Units/Tape&Reel
PAM3130DEC300
3.0V
P3130J
FATYW
SOP-8
2,500Units/Tape&Reel
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com