Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3130CMB285 Datasheet(PDF) 16 Page - Power Analog Micoelectronics

Part # PAM3130CMB285
Description  3A Low Voltage-Low Dropout CMOS Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3130CMB285 Datasheet(HTML) 16 Page - Power Analog Micoelectronics

Back Button PAM3130CMB285 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 16Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 17Page - Power Analog Micoelectronics PAM3130CMB285 Datasheet HTML 18Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Outline Dimension
TO-263-5L
A
c2
L4
c
E
e
b
Dimensions(Millimeter)
Symbol
MIN
NOM MAX
A
4.40
4.60
4.80
b
0.66
0.78
0.91
L4
0.00
0.15
0.30
c
0.36 0.43
0.50
L3
1.50 REF.
L1
2.29
2.54
2.79
E
9.80
10.1
10.4
c2
1.25
1.35
1.45
L2
1.27 REF.
D
8.6
8.8
9.0
e1.70 REF.
L
14.6
15.2
15.8
θ0º
4º
8º
16
08/2007
PAM3130
3A Low Voltage-Low Dropout CMOS Regulator
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com