Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3130BMB300 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM3130BMB300
Description  3A Low Voltage-Low Dropout CMOS Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3130BMB300 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM3130BMB300 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3130BMB300 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3130BMB300 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3130BMB300 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3130BMB300 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3130BMB300 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3130BMB300 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3130BMB300 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3130BMB300 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Top View
TO-263-5L
1
2
345
P3130 V
FATYW
Pin Number
Name
Function
1
VIN
Input
2EN
Enable Pin
3
GND
Ground
(Heatsink)
4
PWRGD/SENSE
Power Good/Sense
5
VOUT
Output
Pin Configuration & Marking Information(continued)
08/2007
PAM3130
3A Low Voltage-Low Dropout CMOS Regulator
V: Voltage Code
Y: Year
W: Weekly
F: Internal Code
A: Assembly Code
T: Testing Code
1234
87
65
Top View
SOP-8(EPD)
Pin Number
Name
Function
1
GND
Ground
2
VIN
Input
3
EN
Enable Pin
4
GND
Ground
5
PWRGD
Power Good
6
SENSE
Sense
7
VOUT
Output
8
GND
Ground
P3130 V
FATYW
V: Voltage Code
Y: Year
W: Weekly
F: Internal Code
A: Assembly Code
T: Testing Code
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com