Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3130CMB300 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM3130CMB300
Description  3A Low Voltage-Low Dropout CMOS Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3130CMB300 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM3130CMB300 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3130CMB300 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3130CMB300 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3130CMB300 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3130CMB300 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3130CMB300 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3130CMB300 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3130CMB300 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3130CMB300 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage...............................................4.0V
Output Pin Voltage.....................-0.3V to V +0.3V
Operation Temperature Range...........
Operation Junction Temperature......
Maximum Output Current......................P /(V -V )
Storage Temperature..................... -65
to 150
Maximum Junction Temperature..................150
Soldering Temperature.......................300
, 5sec
IN
DIN
O
℃℃
℃
-40
to 85
-40
to 125
℃℃
℃℃
℃
Recommended Operating Conditions
Supply Voltage Range.......................1.4V to 3.6V
Operation Temperature Range...........-40
to 85
Junction Temperature Range.......... -40
to 125
℃℃
℃℃
Thermal Information
08/2007
PAM3130
3A Low Voltage-Low Dropout CMOS Regulator
Parameter
Symbol
Package
Maximum
Unit
TO-263
7
TO-220
7
Thermal Resistance
(Junction to Case)
θJC
SOP-8
90
TO-263
60
TO-220
50
Thermal Resistance
(Junction to Ambient)
θJA
SOP-8
11
℃/W
TO-263
2800
TO-220
3000
Internal Power Dissipation
PD
mW
,
Power Analog Microelectronics Inc
www.poweranalog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com