Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC1G02CLE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LVC1G02CLE
Description  2-input NOR Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC1G02CLE Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LVC1G02CLE Datasheet HTML 1Page - Renesas Technology Corp HD74LVC1G02CLE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC1G02CLE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC1G02CLE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC1G02CLE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC1G02CLE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC1G02CLE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC1G02CLE Datasheet HTML 8Page - Renesas Technology Corp HD74LVC1G02CLE Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.3.00 Jun. 30, 2004 page 1 of 8
HD74LVC1G02
2–input NOR Gate
REJ03D0008–0300Z
Rev.3.00
Jun. 30, 2004
Description
The HD74LVC1G02 has two–input NOR gate in a 5-pin package. Low voltage and high-speed operation is suitable for
the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
• The basic gate function is lined up as renesas uni logic series.
• Supply voltage range : 1.65 to 5.5 V
Operating temperature range: –40 to +85°C
• All inputs:
VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs:
VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current:
±4 mA (@VCC = 1.65 V)
±8 mA (@VCC = 2.3 V)
±24 mA (@VCC = 3.0 V)
±32 mA (@VCC = 4.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LVC1G02CPE
TBS-5V
CP
HD74LVC1G02CLE
WCSP-5 pin
TBS-5AV
CL
E (3,000 pcs/reel)
Article Indication
E 3 Y M
Marking
Year code
Month code


Similar Part No. - HD74LVC1G02CLE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC1G04 RENESAS-HD74LVC1G04 Datasheet
106Kb / 9P
Inverter
HD74LVC1G04CLE RENESAS-HD74LVC1G04CLE Datasheet
106Kb / 9P
Inverter
HD74LVC1G04CPE RENESAS-HD74LVC1G04CPE Datasheet
106Kb / 9P
Inverter
HD74LVC1G08 RENESAS-HD74LVC1G08 Datasheet
103Kb / 9P
2-input AND Gate
HD74LVC1G08CLE RENESAS-HD74LVC1G08CLE Datasheet
103Kb / 9P
2-input AND Gate
More results

Similar Description - HD74LVC1G02CLE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
2-INPUT NOR GATE
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
2-INPUT NOR GATE
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
2-input NOR gate
Rev. 2 - 12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com