Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS6045 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS6045
Description  POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS6045 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS6045 Datasheet HTML 1Page - STMicroelectronics STPS6045 Datasheet HTML 2Page - STMicroelectronics STPS6045 Datasheet HTML 3Page - STMicroelectronics STPS6045 Datasheet HTML 4Page - STMicroelectronics STPS6045 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1E-3
1E-2
1E-1
1E+0
0
50
100
150
200
250
300
350
t(s)
IM(A)
Tc=75
°C
Tc=100
°C
Tc=125
°C
IM
t
δ=0.5
Fig. 3-1: Non repetitive surge peak forward current
versus overload duration (maximum values, per
diode) (SOT-93 and TO-247).
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 4: Relative variation of thermal transient
impedance junction to case versus pulse duration.
1E-3
1E-2
1E-1
1E+0
0
50
100
150
200
250
IM(A)
Tc=75
°C
Tc=100
°C
Tc=125
°C
t(s)
IM
t
δ=0.5
Fig. 3-2: Non repetitive surge peak forward current
versus overload duration (maximum values, per
diode) (TOP-3I).
0
5
10
15
20
25
30
35
40
45
1E+0
1E+1
1E+2
1E+3
1E+4
1E+5
VR(V)
IR(
µA)
Tj=150
°C
Tj=100
°C
Tj=125
°C
Tj=75
°C
Tj=50
°C
Tj=25
°C
Fig. 5: Reverse leakage current versus reverse
voltage applied (typical values, per diode).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1
10
100
200
VFM(V)
IFM(A)
Typical values
Tj=125
°C
Tj=125
°C
Tj=25
°C
Fig. 7: Forward voltage drop versus forward
current (maximum values, per diode).
12
5
10
20
50
0.1
1.0
5.0
VR(V)
C(nF)
F=1MHz
Tj=25
°C
Fig. 6: Junction capacitance versus reverse
voltage applied (typical values, per diode).
STPS6045CP/CPI/CW
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com