Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC02FPEL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LVC02FPEL
Description  Quad. 2-input NOR Gates
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC02FPEL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LVC02FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC02FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC02FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC02FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC02FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC02FPEL Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HD74LVC02
Rev.3.00 Jul. 22, 2004 page 5 of 5
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
FP-14DAV
—
Conforms
0.23 g
*Ni/Pd/Au plating
*0.40 ± 0.06
0.70 ± 0.20
0.12
0.15
0˚ – 8˚
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
As of January, 2003
Unit: mm
Package Code
JEDEC
JEITA
Mass (reference value)
TTP-14DV
—
—
0.05 g
*Ni/Pd/Au plating
0.50 ± 0.10
0˚ – 8˚
6.40 ± 0.20
0.10
0.13 M
0.65
17
14
8
5.00
5.30 Max
0.83 Max
*0.20 ± 0.05
1.0
As of January, 2003
Unit: mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com