Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC2G66CLE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LVC2G66CLE
Description  2-channel Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G66CLE Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LVC2G66CLE Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2G66CLE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HD74LVC2G66
Rev.3.00 Jul 07, 2005 page 5 of 11
Switching Characteristics
• V
CC = 1.8 ± 0.15 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Propagation delay time*
1
tPLH, tPHL
2.0
CL = 30 pF, RL = 1.0 k
Ω
INOUT or
OUTIN
OUTIN or
INOUT
Enable time
tZH, tZL
2.3
10.0
CL = 30 pF, RL = 1.0 k
Ω
CONT
INOUT or
OUTIN
Disable time
tHZ, tLZ
2.5
10.5
ns
CL = 30 pF, RL = 1.0 k
Ω
CONT
INOUT or
OUTIN
• V
CC = 2.5 ± 0.2 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Propagation delay time*
1
tPLH, tPHL
1.2
CL = 30 pF, RL = 500
Ω
INOUT or
OUTIN
OUTIN or
INOUT
Enable time
tZH, tZL
1.6
5.6
CL = 30 pF, RL = 500
Ω
CONT
INOUT or
OUTIN
Disable time
tHZ, tLZ
1.2
6.9
ns
CL = 30 pF, RL = 500
Ω
CONT
INOUT or
OUTIN
• V
CC = 3.3 ± 0.3 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Propagation delay time*
1
tPLH, tPHL
0.8
CL = 50 pF, RL = 500
Ω
INOUT or
OUTIN
OUTIN or
INOUT
Enable time
tZH, tZL
1.5
4.4
CL = 50 pF, RL = 500
Ω
CONT
INOUT or
OUTIN
Disable time
tHZ, tLZ
2.0
7.2
ns
CL = 50 pF, RL = 500
Ω
CONT
INOUT or
OUTIN
• V
CC = 5.0 ± 0.5 V
Ta = –40 to 85°C
Item
Symbol
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
Propagation delay time*
1
tPLH, tPHL
0.6
CL = 50 pF, RL = 500
Ω
INOUT or
OUTIN
OUTIN or
INOUT
Enable time
tZH, tZL
1.3
3.9
CL = 50 pF, RL = 500
Ω
CONT
INOUT or
OUTIN
Disable time
tHZ, tLZ
1.1
6.3
ns
CL = 50 pF, RL = 500
Ω
CONT
INOUT or
OUTIN
Notes: 1. The propagation delay is calculated RC time constant of typical on-state resistance of the switch and the
specified load capacitance, when driven by an ideal voltage source (zero output impedance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com