Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC74 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LVC74
Description  Dual D-type Flip Flops with Preset and Clear
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC74 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LVC74 Datasheet HTML 1Page - Renesas Technology Corp HD74LVC74 Datasheet HTML 2Page - Renesas Technology Corp HD74LVC74 Datasheet HTML 3Page - Renesas Technology Corp HD74LVC74 Datasheet HTML 4Page - Renesas Technology Corp HD74LVC74 Datasheet HTML 5Page - Renesas Technology Corp HD74LVC74 Datasheet HTML 6Page - Renesas Technology Corp HD74LVC74 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.4.00 Jul. 22, 2004 page 1 of 6
HD74LVC74
Dual D-type Flip Flops with Preset and Clear
REJ03D0347–0400Z
(Previous ADE-205-066C (Z))
Rev.4.00
Jul. 22, 2004
Description
The HD74LVC74 has independent data, preset, clear, and clock inputs Q and
Q outputs in a 14 pin package. The logic
level present at the data input is transferred to the output during the positive going transition of the clock pulse. Preset
and clear are independent of the clock and accomplished by a low level at the appropriate input. Low voltage and high-
speed operation is suitable at the battery drive product (note type personal computer) and low power consumption
extends the life of a battery for long time operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LVC74FPEL
SOP–14 pin (JEITA)
FP–14DAV
FP
EL (2,000 pcs/reel)
HD74LVC74TELL
TSSOP–14 pin
TTP–14DV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
Outputs
PR
CLR
CK
D
Q
Q
LH
X
X
H
L
HL
X
X
L
H
LL
X
X
H
*1
H
*1
HH
HH
L
HH
LL
H
HH
L
X
Q0
Q
0
HH
HX
Q0
Q
0
HH
XQ0
Q
0
H:
High level
L:
Low level
X:
Immaterial
↓ :
High to Low transition
↑ :
Low to high transition
Q0:
Level to Q before the indicated steady input conditions was established.
Note:
1. Q and
Q will remain high as long as preset and clear are low, but Q and Q are unpredictable, if preset and
clear go high simultaneously.


Similar Part No. - HD74LVC74

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
Dual D-type Flip Flops with Preset and Clear
More results

Similar Description - HD74LVC74

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC74 HITACHI-HD74HC74 Datasheet
58Kb / 9P
Dual D-type Flip-Flops (with Preset and Clear)
HD74LV74A HITACHI-HD74LV74A Datasheet
66Kb / 16P
Dual D-type Flip Flops with Preset and Clear
HD74LVC74 HITACHI-HD74LVC74 Datasheet
48Kb / 9P
Dual D-type Flip Flops with Preset and Clear
logo
Renesas Technology Corp
HD74LV74A RENESAS-HD74LV74A Datasheet
83Kb / 10P
Dual D-type Flip Flops with Preset and Clear
RD74LVC74B RENESAS-RD74LVC74B Datasheet
112Kb / 9P
Dual D-type Flip Flops with Preset and Clear
HD74HC74 RENESAS-HD74HC74 Datasheet
108Kb / 8P
Dual D-type Flip-Flops (with Preset and Clear)
HD74HC74 RENESAS-HD74HC74_15 Datasheet
169Kb / 10P
Dual D-type Flip-Flops (with Preset and Clear)
RD74LVC74B RENESAS-RD74LVC74B_15 Datasheet
131Kb / 11P
Dual D-type Flip Flops with Preset and Clear
logo
Aeroflex Circuit Techno...
UT54ACS74 AEROFLEX-UT54ACS74 Datasheet
238Kb / 10P
Dual D Flip-Flops with Clear & Preset
UT54ACTS74E AEROFLEX-UT54ACTS74E Datasheet
131Kb / 9P
Dual D Flip-Flops with Clear and Preset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com