Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS80L15TV Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS80L15TV
Description  LOW DROP OR-ing POWER SCHOTTKY DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80L15TV Datasheet(HTML) 1 Page - STMicroelectronics

  STPS80L15TV Datasheet HTML 1Page - STMicroelectronics STPS80L15TV Datasheet HTML 2Page - STMicroelectronics STPS80L15TV Datasheet HTML 3Page - STMicroelectronics STPS80L15TV Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STPS80L15TV
®
July 1999 - Ed: 4A
LOW DROP OR-ing POWER SCHOTTKY DIODE
IF(AV)
2 x 40 A
VRRM
15 V
Tj (max)
125
°C
VF (max)
0.33 V
MAIN PRODUCT CHARACTERISTICS
VERY LOW DROP FORWARD VOLTAGE FOR
LESS POWER DISSIPATION AND REDUCED
HEATSINK
INSULATED PACKAGE:
Insulated voltage = 2500 V(RMS)
Capacitance = 45 pF
FEATURES AND BENEFITS
Dual Schottky rectifier suited for Switched Mode
Power Supplies and DC to DC power converters.
Packaged in ISOTOP
TM, this device is especially
intended for use as an OR-ing diode in fault
tolerant power supply equipments.
DESCRIPTION
ISOTOPTM
K2
A2
A1
K1
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
15
V
IF(RMS)
RMS forward current
100
A
IF(AV)
Average forward current
Tc = 110
°C
δ =1
40
A
IFSM
Surge non repetitive forward current
tp = 10 ms
Sinusoidal
700
A
IRRM
Repetitive peak reverse current
tp = 2
µs
F = 1kHz
2A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature
125
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values, per diode)
ISOTOP is a trademark of STMicroelectronics
K2
A2
A1
K1
*:
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/4


Similar Part No. - STPS80L15TV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS80L15CY STMICROELECTRONICS-STPS80L15CY Datasheet
131Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS80L15TV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS120L15TV STMICROELECTRONICS-STPS120L15TV Datasheet
46Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS20L15D STMICROELECTRONICS-STPS20L15D Datasheet
93Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-1999
STPS40L15CW STMICROELECTRONICS-STPS40L15CW Datasheet
84Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Nov-1999
STPS60L15CW STMICROELECTRONICS-STPS60L15CW Datasheet
57Kb / 4P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS80L15CY STMICROELECTRONICS-STPS80L15CY Datasheet
131Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY RECTIFIER
Jul-2003
STPS20L15D STMICROELECTRONICS-STPS20L15D_03 Datasheet
92Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS40L15CW STMICROELECTRONICS-STPS40L15CW_03 Datasheet
83Kb / 5P
LOW DROP OR-ing POWER SCHOTTKY DIODE
Jul-2003
STPS40L15C STMICROELECTRONICS-STPS40L15C_11 Datasheet
112Kb / 8P
Low drop OR-ing power Schottky diode
18-Jul-2011
STPS40L15C STMICROELECTRONICS-STPS40L15C Datasheet
112Kb / 8P
Low drop OR-ing power Schottky diode
18-Jul-2011
logo
IXYS Corporation
DSS2X200-0008D IXYS-DSS2X200-0008D Datasheet
165Kb / 1P
OR-ing Power Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com