Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LVC533FPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LVC533FPEL
Description  Octal D-type Transparent Latches with 3-state Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC533FPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LVC533FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC533FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC533FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC533FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC533FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC533FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC533FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LVC533FPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.4.00 Jul. 27, 2004 page 1 of 7
HD74LVC533
Octal D-type Transparent Latches with 3-state Outputs
REJ03D0356–0400Z
(Previous ADE-205-070B (Z))
Rev.4.00
Jul. 27, 2004
Description
The HD74LVC533 has eight D type latches with three state outputs in a 20 pin package. When the latch enable input is
high, the Q outputs will follow the D inputs. When the latch enable goes low, data at the D inputs will be retained at
the outputs until latch enable returns high again. When a high logic level is applied to the output control input, all
outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the
storage elements. Low voltage and high-speed operation is suitable at the battery drive product (note type personal
computer) and low power consumption extends the life of a battery for long time operation.
Features
• V
CC = 2.0 V to 5.5 V
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical V
OH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@V
CC = 3.0 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LVC533FPEL
SOP–20 pin (JEITA)
FP–20DAV
FP
EL (2,000 pcs/reel)
HD74LVC533TELL
TSSOP–20 pin
TTP–20DAV
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Inputs
G
LE
D
Output
Q
HX
X
Z
LH
L
H
LH
H
L
LL
X
Q0
H:
High level
L:
Low level
X:
Immaterial
Z:
High impedance
Q0:
Level of
Q before the indicated steady input conditions were established.


Similar Part No. - HD74LVC533FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC533 HITACHI-HD74LVC533 Datasheet
50Kb / 10P
Octal D-type Transparent Latches with 3-state Outputs
More results

Similar Description - HD74LVC533FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com