Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS139P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS139P
Description  Dual 2-line-to-4-line Decoders / Demultiplexers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS139P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS139P Datasheet HTML 1Page - Renesas Technology Corp HD74LS139P Datasheet HTML 2Page - Renesas Technology Corp HD74LS139P Datasheet HTML 3Page - Renesas Technology Corp HD74LS139P Datasheet HTML 4Page - Renesas Technology Corp HD74LS139P Datasheet HTML 5Page - Renesas Technology Corp HD74LS139P Datasheet HTML 6Page - Renesas Technology Corp HD74LS139P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74LS139
Rev.2.00, Feb.18.2005, page 2 of 6
Function Table
Inputs
Enable
Select
Outputs
G
B
A
Y0
Y1
Y2
Y3
H
X
X
H
H
H
H
L
L
L
L
H
H
H
L
L
H
H
L
H
H
L
H
L
H
H
L
H
L
H
H
H
H
H
L
H ; high level, L ; low level, X ; irrelevant
Block Diagram
Data
Outputs
Enable 1G
Enable 2G
1A
1B
2A
2B
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
Select
Inputs
Select
Inputs
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
–400
µA
Output current
IOL
8
mA
Operating temperature
Topr
–20
25
75
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com