Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM2306EN1YPCC Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM2306EN1YPCC
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306EN1YPCC Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM2306EN1YPCC Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 9Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 10Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 11Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 12Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 13Page - Power Analog Micoelectronics PAM2306EN1YPCC Datasheet HTML 14Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Load Transient
Io=0-500mA Vo=3.3V Vin=5V
Load Transient
Io=0-1A Vo=1.2V Vin=3.6V
Typical Performance Characteristics
°C
T =25
,C =10 F, C =10 F,L=4.7 H, unless otherwise noted.
AIN
O
μμ
μ
Start-up from Shutdown
Vo=1.8V,Vin=3.6V
Voltage
Output
Enable
Inductor
Current
Voltage
Output
Output
Current
Voltage
Output
Output
Current
10
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
07/2008 Rev 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com