Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS152 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS152
Description  1-of-8 Data Selector / Multiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS152 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS152 Datasheet HTML 1Page - Renesas Technology Corp HD74LS152 Datasheet HTML 2Page - Renesas Technology Corp HD74LS152 Datasheet HTML 3Page - Renesas Technology Corp HD74LS152 Datasheet HTML 4Page - Renesas Technology Corp HD74LS152 Datasheet HTML 5Page - Renesas Technology Corp HD74LS152 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HD74LS152
Rev.2.00, Feb.18.2005, page 3 of 5
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
V
Input voltage
VIL
0.8
V
VOH
2.7
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400
µA
0.4
IOL = 4 mA
Output voltage
VOL
0.5
V
IOL = 8 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
IIH
20
µA
VCC = 5.25 V, VI = 2.7 V
IIL
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
Input current
II
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output
current
IOS
–20
–100
mA
VCC = 5.25 V
Supply current**
ICC
6.0
10
mA
VCC = 5.25 V
Input clamp voltage
VIK
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** ICC is measured with all outputs open and all inputs at 4.5 V.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
tPLH
14
23
tPHL
A, B, C
W
20
32
tPLH
13
21
Propagation delay time
tPHL
Data
W
12
20
ns
CL = 15 pF,
RL = 2 k



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com