Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS164RPEL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS164RPEL
Description  8-Bit Parallel-Out Serial-in Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS164RPEL Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS164RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS164RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS164RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS164RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS164RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS164RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS164RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS164RPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LS164RPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD74LS164
Rev.2.00, Feb.18.2005, page 2 of 8
Function Table
Inputs
Outputs
Clear
Clock
A
B
QA
QB
……QH
L
X
X
X
L
L
L
H
L
X
X
QA0
QB0
QH0
H
↑
H
H
H
QAn
QGn
H
↑
L
X
L
QAn
QGn
H
↑
X
L
L
QAn
QGn
Notes: 1. H; high level, L; low level, X; irrelevant
2.
↑; transition from low to high level
3.
QA0, QB0, QH0; the level of QA, QB, or QH, respectively, before the indicated steady-state input conditions
were established.
4.
QAn, QGn; the level of QA or QG before the most-recent
↑ transition of the clock; indicates a one-bit shift.
Block Diagram
Clear
Clock
Serial
Inputs
A
B
Output
QA
Output
QB
Output
QC
Output
QD
Output
QE
Output
QF
Output
QG
Output
QH
Clear
R
S
QA
QA
CK
Clear
R
S
QB
QB
CK
Clear
R
S
QC
QC
CK
Clear
R
S
QD
QD
CK
Clear
R
S
QE
QE
CK
Clear
R
S
QF
QF
CK
Clear
R
S
QG
QG
CK
Clear
R
S
QH
QH
CK
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
—
—
–400
µA
Output current
IOL
—
—
8
mA
Operating temperature
Topr
–20
25
75
°C
Clock frequency
ƒclock
0
—
25
MHz
Clock pulse width
tw (CK)
20
—
—
ns
Clear pulse width
tw (CLR)
20
—
—
ns
Data setup time
tsu
15
—
—
ns
Data hold time
th
5
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com