Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS11NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS11NF3LL
Description  N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS11NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STS11NF3LL Datasheet HTML 1Page - STMicroelectronics STS11NF3LL Datasheet HTML 2Page - STMicroelectronics STS11NF3LL Datasheet HTML 3Page - STMicroelectronics STS11NF3LL Datasheet HTML 4Page - STMicroelectronics STS11NF3LL Datasheet HTML 5Page - STMicroelectronics STS11NF3LL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STS11NF3LL
N-CHANNEL 30V - 0.009
Ω - 11A SO-8
LOW GATE CHARGE STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.011
Ω @ 4.5V
s
OPTIMAL RDS(on) xQg TRADE-OFF @ 4.5V
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
DESCRIPTION
This application specific Power Mosfet is the third
generation of STMicroelectronics unique ”Single
Feature Size
™” strip-based process. The resul-
ting transistor shows the best trade-off between
on-resistance and gate charge. When used as
high and low side in buck regulators, it gives the
best performance in terms of both conduction and
switching losses. This is extremely important for
motherboards where fast switching and high effi-
ciency are of paramount importance.
APPLICATIONS
s
SPECIFICALLY DESIGNED AND
OPTIMISED FOR HIGH EFFICIENCY CPU
CORE DC/DC CONVERTERS FOR MOBILE
PCs
®
INTERNAL SCHEMATIC DIAGRAM
May 2000
SO-8
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Un it
VDS
Drain-source Volt age (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)30
V
VGS
G ate-source Voltage
± 15
V
ID
Drain Current (continuous) at Tc = 25
oC
Drain Current (continuous) at Tc =100
oC
11
7
A
A
IDM(
•)
Drain Current (pulsed)
44
A
Ptot
T otal Dissipation at Tc =25
oC
2.5
W
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STS11NF3LL
30 V
< 0.011
Ω
11 A
1/6


Similar Part No. - STS11NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
332Kb / 12P
N-channel 30V - 0.0085Ω - 11A SO-8 Low gate charge STripFET??II Power MOSFET
12-Jan-2007
logo
SHENZHEN DOINGTER SEMIC...
STS11NF30L DOINGTER-STS11NF30L Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STS11NF30L VBSEMI-STS11NF30L Datasheet
928Kb / 9P
N-Channel 20V (D-S) MOSFET
logo
STMicroelectronics
STS11NF30L STMICROELECTRONICS-STS11NF30L_07 Datasheet
332Kb / 12P
N-channel 30V - 0.0085Ω - 11A SO-8 Low gate charge STripFET??II Power MOSFET
12-Jan-2007
More results

Similar Description - STS11NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL Datasheet
269Kb / 8P
DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
Oct-2002
STS9NF30L STMICROELECTRONICS-STS9NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 9A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STS9NF3LL STMICROELECTRONICS-STS9NF3LL Datasheet
274Kb / 8P
N-CHANNEL 30V - 0.016 ohm - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
Nov-2001
9639 STMICROELECTRONICS-9639 Datasheet
114Kb / 6P
N-CHANNEL 150V - 0.045 OHM - 5A SO-8 LOW GATE CHARGE STripFET??POWER MOSFET
Jun-2003
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL Datasheet
225Kb / 9P
DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_06 Datasheet
293Kb / 12P
N-channel 30V - 0.008ohm - 12A - SO-8 Ultra low gate charge STripFET TM Power MOSFET
30-Mar-2006
STS8C5H30L STMICROELECTRONICS-STS8C5H30L_07 Datasheet
426Kb / 14P
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
30-Jan-2007
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
24-Jul-2006
STS11NF30L STMICROELECTRONICS-STS11NF30L_07 Datasheet
332Kb / 12P
N-channel 30V - 0.0085Ω - 11A SO-8 Low gate charge STripFET??II Power MOSFET
12-Jan-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com