Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LS190P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS190P
Description  Synchronous Up / Down Decade Counter (signal clock line)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS190P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS190P Datasheet HTML 1Page - Renesas Technology Corp HD74LS190P Datasheet HTML 2Page - Renesas Technology Corp HD74LS190P Datasheet HTML 3Page - Renesas Technology Corp HD74LS190P Datasheet HTML 4Page - Renesas Technology Corp HD74LS190P Datasheet HTML 5Page - Renesas Technology Corp HD74LS190P Datasheet HTML 6Page - Renesas Technology Corp HD74LS190P Datasheet HTML 7Page - Renesas Technology Corp HD74LS190P Datasheet HTML 8Page - Renesas Technology Corp HD74LS190P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.3.00, Jul.15.2005, page 1 of 10
HD74LS190
Synchronous Up / Down Decade Counter (signal clock line)
REJ03D0452–0200
Rev.2.00
Jul.15.2005
Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs change coincident
with each other when so instructed by the steering logic. This mode of operation eliminates the output counting spikes
normally associated with asynchronous (ripple clock) counters.
The outputs of the four master-slave flip-flops are triggered on a low-to-high-level transition of the clock input if the
enable input is low. A high at the enable input inhibits counting. Level changes at the enable input should be made
only when the clock input is high. The direction of the count is determined by the level of the down / up input. When
low, the counter counts up and when high, it counts down. Level changes at the down / up input should be made only
when the clock input is high. This counter is fully programmable; that is, the outputs may be preset to either level by
placing a low on the load input and entering the desired data at the data inputs. The output will change to agree with the
data inputs independently of the level of the clock input. This feature allows the counters to be used as modulo-N
dividers by simply modifying the count length with the preset inputs. The clock, down / up, and load inputs are
buffered to lower the drive requirement which significantly reduces the number of clock drivers, etc., required for long
parallel words.
Two outputs have been made available to perform the cascading function: ripple clock and maximum / minimum count.
The latter output produces a high-level output pulse with a duration approximately equal to one complete cycles to the
clock when the counter overflows or underflows. The ripple clock output produces a low-level output pulse equal in
width to the low-level portion of the clock input when an overflow or underflow conditions exists.
The counters can be easily cascaded by feeding the ripple clock output to the enable input of the succeeding counter if
parallel clocking is used, or to the clock input if parallel enabling is used. The maximum / minimum count output can
be used to accomplish look-ahead for high-speed operation.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS190P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS190FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Notes: Please consult the sales office for the above package availability.


Similar Part No. - HD74LS190P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS190 HITACHI-HD74LS190 Datasheet
104Kb / 7P
Synchronous Up/Down Decade Counters(single clock line)
HD74LS190 HITACHI-HD74LS190 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS190P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
Oct-1992
logo
Hitachi Semiconductor
HD74HC190 HITACHI-HD74HC190 Datasheet
75Kb / 13P
Synchronous Up/Down Decade,4-bit Binary Counter(Single Clock Line)
HD74HC192 HITACHI-HD74HC192 Datasheet
74Kb / 13P
Synchronous Up/Down Decade,4-bit Binary Counter(Dual Clock Line)
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
SYNCHRONOUS UP/DOWN DECADE COUNTER
Jul-2001
logo
Renesas Technology Corp
HD74LS192 RENESAS-HD74LS192 Datasheet
98Kb / 11P
Synchronous Up / Down Decade Counter (dual clock lines)
HD74LS193 RENESAS-HD74LS193 Datasheet
107Kb / 12P
Synchronous Up / Down Decade Counter (dual clock lines)
HD74HC190 RENESAS-HD74HC190 Datasheet
150Kb / 13P
Synchronous Up/Down Decade Counter (Single Clock Line)
HD74HC192 RENESAS-HD74HC192 Datasheet
151Kb / 14P
Synchronous Up/Down Decade Counter (Dual Clock Lines)
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com